Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1661 Datasheet(PDF) 73 Page - Semtech Corporation

Part # GS1661
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1661 Datasheet(HTML) 73 Page - Semtech Corporation

Back Button GS1661 Datasheet HTML 69Page - Semtech Corporation GS1661 Datasheet HTML 70Page - Semtech Corporation GS1661 Datasheet HTML 71Page - Semtech Corporation GS1661 Datasheet HTML 72Page - Semtech Corporation GS1661 Datasheet HTML 73Page - Semtech Corporation GS1661 Datasheet HTML 74Page - Semtech Corporation GS1661 Datasheet HTML 75Page - Semtech Corporation GS1661 Datasheet HTML 76Page - Semtech Corporation GS1661 Datasheet HTML 77Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 84 page
background image
GS1661 HD/SD SDI Receiver
Data Sheet
53751 - 3
September 2012
73 of 84
022h
RASTER_STRUC_
4
RATE_SEL_READBACK
15-14
Read back detected data rate:
0 = HD,
1,3=SD,
2=Reserved
R0
M13
Specifies detected M value
0: 1.000
1: 1.001
R0
Note: In certain systems, due to the greater ppm offsets in the crystal, the ‘M’ bit may not assert
properly. In such cases, bits 3:0 in Register 06Fh can be increased to a maximum value of 4.
STD_LOCK12
Video standard lock.
R
0
INT_PROG
11
Interlaced or progressive.
R
0
ACTLINE_PER_FIELD
10-0
Active lines per frame.
R
0
023h
FLYWHEEL
_STATUS
RSVD
15-2
Reserved.
R
0
V_LOCK_DS11
Indicates that the timing signal
generator is locked to vertical
timing (HD and SD inputs).
R0
H_LOCK_DS10
Indicates that the timing signal
generator is locked to horizontal
timing (HD and SD inputs).
R0
024h
RATE_SEL
RSVD
15-3
Reserved.
R
0
AUTO/MAN
2Detect data rate automatically (1)
or program manually (0).
R/W
1
RATE_SEL_TOP
1-0
Programmable rate select in
manual mode:
0 = HD,
1,3=SD,
2=Reserved
R/W
0
025h
TIM_861_
FORMAT
RSVD
15-7
Reserved.
R
0
FORMAT_ERR
6
Indicates standard is not
recognized for CEA 861 conversion.
R1
FORMAT_ID_8615-0
CEA-861 format ID of input video
stream. Refer to Table 4-9.
R0
026hTIM_861_CFG
RSVD
15-3
Reserved.
R
0
VSYNC_INVERT
2
Invert output VSYNC pulse.
R/W
0
HSYNC_INVERT
1
Invert output HSYNC pulse.
R/W
0
TRS_8610
Sets the timing reference outputs
to DFP timing mode when set to
'1'. By default, the timing
reference outputs follow CEA-861
timing mode. Only valid when
TIM_861 is set to '1'.
R/W
0
027h -
036h
RSVD
RSVD
−
Reserved.
R
0
Table 4-17: Configuration and Status Registers (Continued)
Address
Register Name
Bit Name
Bit
Description
R/W
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com