Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1661 Datasheet(PDF) 2 Page - Semtech Corporation

Part # GS1661
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1661 Datasheet(HTML) 2 Page - Semtech Corporation

  GS1661 Datasheet HTML 1Page - Semtech Corporation GS1661 Datasheet HTML 2Page - Semtech Corporation GS1661 Datasheet HTML 3Page - Semtech Corporation GS1661 Datasheet HTML 4Page - Semtech Corporation GS1661 Datasheet HTML 5Page - Semtech Corporation GS1661 Datasheet HTML 6Page - Semtech Corporation GS1661 Datasheet HTML 7Page - Semtech Corporation GS1661 Datasheet HTML 8Page - Semtech Corporation GS1661 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
GS1661 HD/SD SDI Receiver
Data Sheet
53751 - 3
September 2012
2 of 84
packet detection and error handling features. All of these
processing features are optional, and may be individually
enabled or disabled through register programming.
In DVB-ASI mode, sync word detection, alignment and
8b/10b decoding is applied to the received data stream.
In Data-Through mode all forms of SMPTE and DVB-ASI
processing are disabled, and the device can be used as a
simple serial to parallel converter.
The device can also operate in a lower power Standby
mode. In this mode, no signal processing is carried out and
the parallel output is held static.
Parallel data outputs are provided in 20-bit or 10-bit format
for HD and SD video rates, with a variety of mapping
options. As such, this parallel bus can interface directly with
video processor ICs, and output data can be multiplexed
onto 10 bits for a low pin count interface.
Functional Block Diagram
GS1661 Functional Block Diagram
Revision History
Buffer
Mux
Reclocker
with
Integrated
VCO
SDI
SDO
SDO
Serial
to
Parallel
Converter
Descramble,
Word Align,
Rate Detect
Flywheel
Video
Standard
Detect
TRS
Detect
Timing
Extraction
Mux
DVB-ASI
Decoder
Illegal code
remap,
TRS/
Line Number/
CRS
Insertion,
EDH Packet
Insertion
ANC/
Checksum
/352M
Extraction
GSPI and
JTAG Controller
Host
Interface
Output Mux/
Demux
Crystal
Buffer/
Oscillator
LF
LB_CONT
VBG
I/O Control
Buffer
SDI
NGEN
EQ
AGC+
AGC-
DOUT[19:0]
PCLK
LOCKED
Version
ECR
PCN
Date
Changes and/or Modifications
3
158468–
September 2012
Changes throughout the document.
2
153968
–
April 2010
Removed VCO Supply Voltage from
Table 2-2: Recommended Operating
Conditions, and revised VCO_VDD Pin
Description in Table 1-1: Pin
Descriptions.
1
153472
–
January 2010
Converted to Data Sheet.
0
152960–
November 2009
New Document. Added reference to
GS1660/GS1661 Errata (document
number 53877).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com