| Electronic Components Datasheet Search |
|
GS2971 Datasheet(PDF) 73 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
GS2971 Datasheet(HTML) 73 Page - Semtech Corporation |
|
73 / 148 page ![]() GS2971 3Gb/s, HD, SD SDI Receiver Data Sheet 45898 - 2 September 2012 73 of 148 4.18.1 TRS Correction & Insertion When TRS Error Correction and Insertion is enabled, the GS2971 generates and overwrites TRS code words as required. TRS Word Generation and Insertion is performed using the timing generated by the Timing Signal Generator, providing an element of noise immunity over using just the received TRS information. This feature is enabled when the IOPROC_EN/DIS pin is HIGH and the TRS_INS_DISABLE bit in the IOPROC_DISABLE register is set LOW. NOTE: Inserted TRS code words are always 10-bit compliant, irrespective of the bit depth of the incoming video stream. 4.18.2 Line Based CRC Correction & Insertion When CRC Error Correction and Insertion is enabled, the GS2971 generates and inserts line based CRC words into both the Y and C channels of the data stream. Line based CRC word generation and insertion only occurs in HD and 3G modes, and is enabled in when the IOPROC_EN/DIS pin is HIGH and the CRC_INS_DSX_MASK bit in the IOPROC_X register is set LOW. 4.18.3 Line Number Error Correction & Insertion When Line Number Error Correction and Insertion is enabled, the GS2971 calculates and inserts line numbers into the output data stream. Re-calculated line numbers are inserted into both the Y and C channels. Line number generation is in accordance with the relevant HD or 3G video standard as determined by the Automatic Standards Detection block. This feature is enabled when the device is operating in HD or 3G modes, the IOPROC_EN/DIS pin is HIGH and the LNUM_INS_DSX_MASK bit in the IOPROC_X register is set LOW. 4.18.4 ANC Data Checksum Error Correction & Insertion When ANC data Checksum Error Correction and Insertion is enabled, the GS2971 generates and inserts ancillary data checksums for all ancillary data words by default. Where user specified ancillary data has been programmed (see Section 4.17.1), only the checksums for the programmed ancillary data are corrected. This feature is enabled when the IOPROC_EN/DIS pin is HIGH and the ANC_CHECKSUM_INSERTION_DSX_MASK bit in the IOPROC_X register is set LOW. 4.18.5 EDH CRC Correction & Insertion When EDH CRC Error Correction and Insertion is enabled, the GS2971 generates and overwrites full field and active picture CRC check-words. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |