Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2971 Datasheet(PDF) 28 Page - Semtech Corporation

Part # GS2971
Description  3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2971 Datasheet(HTML) 28 Page - Semtech Corporation

Back Button GS2971 Datasheet HTML 24Page - Semtech Corporation GS2971 Datasheet HTML 25Page - Semtech Corporation GS2971 Datasheet HTML 26Page - Semtech Corporation GS2971 Datasheet HTML 27Page - Semtech Corporation GS2971 Datasheet HTML 28Page - Semtech Corporation GS2971 Datasheet HTML 29Page - Semtech Corporation GS2971 Datasheet HTML 30Page - Semtech Corporation GS2971 Datasheet HTML 31Page - Semtech Corporation GS2971 Datasheet HTML 32Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 148 page
background image
GS2971 3Gb/s, HD, SD SDI Receiver
Data Sheet
45898 - 2
September 2012
28 of 148
Figure 3-6: LB_CONT
Figure 3-7: Loop Filter
Figure 3-8: SDO/SDO
Figure 3-9: Equalizer Input Equivalent Circuit
Out <0>
Out <1>
EQ_VDD
LB_CONT
25Ω
PLL_VDD
LF
25Ω
50
Ω
50
Ω
SDO
SDO
BUFF_VDD
4k
6k
4k
6k
RC
SDI
SDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com