Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC729 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC729
Description  2A Low Vin, Very Low Ron Load Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC729 Datasheet(HTML) 1 Page - Semtech Corporation

  SC729 Datasheet HTML 1Page - Semtech Corporation SC729 Datasheet HTML 2Page - Semtech Corporation SC729 Datasheet HTML 3Page - Semtech Corporation SC729 Datasheet HTML 4Page - Semtech Corporation SC729 Datasheet HTML 5Page - Semtech Corporation SC729 Datasheet HTML 6Page - Semtech Corporation SC729 Datasheet HTML 7Page - Semtech Corporation SC729 Datasheet HTML 8Page - Semtech Corporation SC729 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© 2015 Semtech Corporation
POWER MANAGEMENT
1
SC728/SC729
2A Low Vin, Very Low Ron
Load Switch
Features
Input Voltage Range – 1.1V to 3.6V
2A Continuous Output Current
Ultra-Low Ron – 36mΩ
Automatic Output Discharge Circuit
Fast Turn-on Option With No Output Discharge
Circuit – SC728
Extended Soft Start Option With Automatic Out-
put Discharge Circuit – SC729
Low Quiescent Current – 0.81µA(Typ.)
Low Shutdown Current < 1µA – SC728
1.1V Logic Level Enable Compatible With CMOS/GPIO
Control
Hardened ESD Protection 3kV
Package: CSP – 0.76mm × 0.76mm, 0.4mm Pitch
Applications
Smart Phones
Tablet PCs
GPS Devices
Battery Powered Equipment
Other Portable Device
Description
The SC728/SC729 is a low input voltage, very low Ron
load switch designed for use in battery powered applica-
tions. Very low quiescent current of less than 2µA, and a
low shutdown current of less than 1µA (SC728) reduces
power loss during Standby and Off states. A logic level
Enable allows low voltage on/off control down to 1.1V.
The SC728 provides a quick turn on time, while the SC729
provides a longer soft start to limit inrush current. The
SC729 also features an automatic discharge circuit which
discharges the output when the part is disabled.
The SC728/SC729 is offered in an ultra-small 4-bump
0.76mm × 0.76mm Chip Scale Package (CSP) which
enables very small board area implementations. The
SC728/SC729 has an operating ambient temperature
range of -40°C to +85°C.
SC724/SC725 offers an alternative bump connection
pattern to SC728/SC729. Please go to Semtech.com
website for details.
SC728 / SC729
SUPPLY
LOAD
VOUT
VIN
EN
GND
ENABLE
VIN
1µF
1µF
Typical Application Circuit
Rev. 2.2
Device
Package
Automatic
Discharge Rising Time
SC728
CSP
No
3µs(Typ.)
SC729
CSP
Yes
140µs(Typ.)


Similar Part No. - SC729

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SC721 POLYFET-SC721 Datasheet
37Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Silan Microelectronics ...
SC72131 SILAN-SC72131 Datasheet
215Kb / 10P
PLL FOR DIGITAL TUNING SYSTEM(DTS)
SC72131S SILAN-SC72131S Datasheet
215Kb / 10P
PLL FOR DIGITAL TUNING SYSTEM(DTS)
logo
Infinite Electronics In...
SC7216 FAIRVIEW-SC7216 Datasheet
567Kb / 4P
SMA Male Connector Clamp/Solder Attachment For Harbour LL335 Cable
REV 1.1A
logo
Polyfet RF Devices
SC721 POLYFET-SC721_14 Datasheet
61Kb / 2P
RF POWER VDMOS TRANSISTOR
More results

Similar Description - SC729

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP45560 ONSEMI-NCP45560 Datasheet
138Kb / 8P
Controlled Load Switch with Low RON
May, 2013 ??Rev. 0
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
ON Semiconductor
NCP439 ONSEMI-NCP439 Datasheet
150Kb / 9P
2A Very Low Ron Switches at Low Vin Voltage
July, 2013 ??Rev. 0
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Semtech Corporation
SC704 SEMTECH-SC704 Datasheet
1Mb / 14P
500mA Low Vin, Very Low Ron Load Switch
SC724 SEMTECH-SC724 Datasheet
2Mb / 15P
2A Low Vin, Very Low Ron Load Switch
logo
ON Semiconductor
NCP439 ONSEMI-NCP439_16 Datasheet
107Kb / 9P
2A Very Low Ron Switches at Low Vin Voltage
August, 2016 ??Rev. 1
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
US2236090 UTC-US2236090 Datasheet
136Kb / 5P
ULTRA-SMALL, LOW-INPUTVOLTAGE LOW RON LOAD SWITCH
logo
Semtech Corporation
SC33001A SEMTECH-SC33001A Datasheet
457Kb / 14P
3A Low VIN Ultra-Low Rdson Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com