Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC72131 Datasheet (PDF) - Silan Microelectronics Joint-stock

SC72131 Datasheet PDF - Silan Microelectronics Joint-stock
Part # SC72131
Download  SC72131 Download
File Size   215.95 Kbytes
Page   10 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description PLL FOR DIGITAL TUNING SYSTEM(DTS)

SC72131 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC72131 Datasheet PDF - Silan Microelectronics Joint-stock

Part # SC72131
Download  SC72131 Click to download

File Size   215.95 Kbytes
Page   10 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description PLL FOR DIGITAL TUNING SYSTEM(DTS)

SC72131 Datasheet (HTML) - Silan Microelectronics Joint-stock


SC72131 Product details

DESCRIPTION
The SC72131 is phase-locked loop (PLL) LSI for digital turning systems (DTS).
The LSI is use to configure high-performance digital tuning systems,such as radio/cassette players. They allow high-performance AM/FM tuners to be implemented easily.

FEATURES
* Built-in prescalers. Operate at input frequency ranging from 10~160MHz during FMIN input and at 0.5~40MHz during AMIN input.
* 12 possible reference frequencies (with 4.5 or 7.2 MHz crystal) 1, 3, 5, 9, 10, 3.125, 6.25, 12.5, 15, 25, 50 and 100 kHz
* Built-in 20bit general-purpose counter for such as measuring intermediate frequency (IF), IF input frequency ranging from 0.4M~12MHz.
* Has an unlock detector circuitˈan dead zone control circuit and an deadlock clear circuit
* Built-in MOS transistor for forming an active low-pass filter
* 4 N-channel open-drain output ports (OFF withstanding Voltage: 13V) and 2 input or output ports.
* Serial data I/O
  — All functions controlled through 4 serial bus lines
* Operating ranges
  — Supply voltage.....................… 5.0±0.5 V
  — Operating temperature........–40 to +85° C
* Packages
  — SDIP-22-300-1.78
  — SOP-20-300-1.27

APPLICATIONS
* Digital Tuning Systems




Similar Part No. - SC72131

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SC721 POLYFET-SC721 Datasheet
37Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Infinite Electronics In...
SC7216 FAIRVIEW-SC7216 Datasheet
567Kb / 4P
SMA Male Connector Clamp/Solder Attachment For Harbour LL335 Cable
REV 1.1A
logo
Polyfet RF Devices
SC721 POLYFET-SC721_14 Datasheet
61Kb / 2P
RF POWER VDMOS TRANSISTOR
More results


Similar Description - SC72131

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2110FN TOSHIBA-TB2110FN Datasheet
763Kb / 18P
PLL FOR DTS
TB2118F TOSHIBA-TB2118F Datasheet
818Kb / 19P
HIGH SPEED PLL FOR DTS
TC9256P TOSHIBA-TC9256P Datasheet
1Mb / 33P
PLL FOR DTS
TC9418FN TOSHIBA-TC9418FN Datasheet
899Kb / 21P
PLL FOR DIGITAL TUNING SYSTEM
logo
Hitachi Semiconductor
HD10551 HITACHI-HD10551 Datasheet
106Kb / 4P
Prescaler for Digital Tuning System
logo
Silan Microelectronics ...
SC9257 SILAN-SC9257 Datasheet
1,019Kb / 28P
PLL FOR DTS
SC9256 SILAN-SC9256 Datasheet
223Kb / 24P
PLL FOR DTS
logo
Toshiba Semiconductor
TB2110FN TOSHIBA-TB2110FN_02 Datasheet
1Mb / 19P
PLL For DTS
TB2118F TOSHIBA-TB2118F_02 Datasheet
315Kb / 20P
High Speed PLL For DTS
TC9256APG TOSHIBA-TC9256APG Datasheet
2Mb / 34P
PLL for DTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com