Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB2110FN Datasheet (PDF) - Toshiba Semiconductor

TB2110FN Datasheet PDF - Toshiba Semiconductor
Part # TB2110FN
Download  TB2110FN Download
File Size   763.07 Kbytes
Page   18 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PLL FOR DTS

TB2110FN Datasheet (PDF)

Go To PDF Page Download Datasheet
TB2110FN Datasheet PDF - Toshiba Semiconductor

Part # TB2110FN
Download  TB2110FN Click to download

File Size   763.07 Kbytes
Page   18 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PLL FOR DTS

TB2110FN Datasheet (HTML) - Toshiba Semiconductor


TB2110FN Product details

PLL For DTS

The TB2110FN is a high−speed PLL LSI built in a 2 modulus prescaler that can operate with a 1.5V power supply.
Each function is controlled via three serial bus lines, allowing you to configure a high−performance digital tuning system.

Features
 • Due to a Bi−CMOS structure, the 1.5V power supply is stepped up and stabilized by a bipolar circuit to drive the CMOS section. Therefore, this chip is best suited for digital tuning system in headphone stereos.
 • Built in a prescaler, this IC can operate with TV: 50~250MHz and FM: 40~150MHz (2 modulus type) for the FMIN input or at 0.5~40MHz for the AMIN input (2 modulus type or directly divided).
 • Comes with a 20 bit programmable counter, two parallel output phase comparators, crystal oscillator, reference counter, and a DC / DC converter control circuit.
 • The crystal oscillator (X’tal) used in this IC is a 75kHz resonator.
 • The reference frequency can be selected from seven frequencies available. (ref = 1.0~25kHz)
 • A 20 bit general−purpose counter is built in that can measure the IF and other frequencies.
 • All device operations are controlled via three serial bus lines.
 • Operating voltage range: VCC = 1.0~2.5V (Ta = −20~75°C)
 • Package is SSOP24pin.




Similar Part No. - TB2110FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2110FN TOSHIBA-TB2110FN Datasheet
1Mb / 19P
PLL For DTS
TB2110FN TOSHIBA-TB2110FN_02 Datasheet
1Mb / 19P
PLL For DTS
More results


Similar Description - TB2110FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2118F TOSHIBA-TB2118F Datasheet
818Kb / 19P
HIGH SPEED PLL FOR DTS
TC9216P TOSHIBA-TC9216P Datasheet
940Kb / 22P
HIGH SPEED PLL FOR DTS
TC9256P TOSHIBA-TC9256P Datasheet
1Mb / 33P
PLL FOR DTS
15-May-1998
logo
Silan Microelectronics ...
SC9257 SILAN-SC9257 Datasheet
1,019Kb / 28P
PLL FOR DTS
SC9256 SILAN-SC9256 Datasheet
223Kb / 24P
PLL FOR DTS
logo
Toshiba Semiconductor
TB2110FN TOSHIBA-TB2110FN_02 Datasheet
1Mb / 19P
PLL For DTS
TB2118F TOSHIBA-TB2118F_02 Datasheet
315Kb / 20P
High Speed PLL For DTS
TB2118FG TOSHIBA-TB2118FG Datasheet
345Kb / 20P
High Speed PLL For DTS
TC9256APG TOSHIBA-TC9256APG Datasheet
2Mb / 34P
PLL for DTS
logo
Silan Microelectronics ...
SC72131 SILAN-SC72131 Datasheet
215Kb / 10P
PLL FOR DIGITAL TUNING SYSTEM(DTS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com