Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB2118F Datasheet (PDF) - Toshiba Semiconductor

TB2118F Datasheet PDF - Toshiba Semiconductor
Part # TB2118F
Download  TB2118F Download
File Size   818.37 Kbytes
Page   19 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HIGH SPEED PLL FOR DTS

TB2118F Datasheet (PDF)

Go To PDF Page Download Datasheet
TB2118F Datasheet PDF - Toshiba Semiconductor

Part # TB2118F
Download  TB2118F Click to download

File Size   818.37 Kbytes
Page   19 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HIGH SPEED PLL FOR DTS

TB2118F Datasheet (HTML) - Toshiba Semiconductor


TB2118F Product details

High Speed PLL For DTS



TB2118F is a high−speed phase−locked loop (PLL) LSI for car audio tuners with a built−in charge pump circuit. All functions are controlled through serial bus lines. The device is used to configure high−performance digital tuning systems.



Features

Built−in high−speed program divider with built−in prescalers.

   FM: 30~150MHz (pulse swallowing method)   AM: 1~40MHz (pulse swallowing method)

Phase comparator outputs are constant current output for both FM and AM. Current values can be switched using serial data. In high−speed mode for large current output seek, the lockup time between FM band edges can be set to approx. 500µs by selecting an appropriate VT range and low−pass filter constant.

RDS supported

N−value data and charge pump output current data (total of 18−bits) can be selected using two resisters.

Built−in low−pass filter op−amps for FM and AM.

Built−in 20−bit binary counter for counting IF frequency.

Crystal oscillator can be used 10.25MHz or 10.35MHz.

Two output ports (open−collector output) and two I / O ports (CMOS) supported.

Package is SSOP 24 pin.

 




Similar Part No. - TB2118F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2118F TOSHIBA-TB2118F Datasheet
315Kb / 20P
High Speed PLL For DTS
TB2118FG TOSHIBA-TB2118FG Datasheet
345Kb / 20P
High Speed PLL For DTS
TB2118F TOSHIBA-TB2118F_02 Datasheet
315Kb / 20P
High Speed PLL For DTS
More results


Similar Description - TB2118F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2110FN TOSHIBA-TB2110FN Datasheet
763Kb / 18P
PLL FOR DTS
05-Mar-1999
TC9216P TOSHIBA-TC9216P Datasheet
940Kb / 22P
HIGH SPEED PLL FOR DTS
TC9256P TOSHIBA-TC9256P Datasheet
1Mb / 33P
PLL FOR DTS
15-May-1998
logo
Silan Microelectronics ...
SC9257 SILAN-SC9257 Datasheet
1,019Kb / 28P
PLL FOR DTS
SC9256 SILAN-SC9256 Datasheet
223Kb / 24P
PLL FOR DTS
logo
Toshiba Semiconductor
TB2110FN TOSHIBA-TB2110FN_02 Datasheet
1Mb / 19P
PLL For DTS
TB2118F TOSHIBA-TB2118F_02 Datasheet
315Kb / 20P
High Speed PLL For DTS
TB2118FG TOSHIBA-TB2118FG Datasheet
345Kb / 20P
High Speed PLL For DTS
TC9256APG TOSHIBA-TC9256APG Datasheet
2Mb / 34P
PLL for DTS
logo
Silan Microelectronics ...
SC72131 SILAN-SC72131 Datasheet
215Kb / 10P
PLL FOR DIGITAL TUNING SYSTEM(DTS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com