Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC410AEVB Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC410AEVB
Description  2A EcoSpeed Step-Down Regulator with LDO and Power Save
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC410AEVB Datasheet(HTML) 4 Page - Semtech Corporation

  SC410AEVB Datasheet HTML 1Page - Semtech Corporation SC410AEVB Datasheet HTML 2Page - Semtech Corporation SC410AEVB Datasheet HTML 3Page - Semtech Corporation SC410AEVB Datasheet HTML 4Page - Semtech Corporation SC410AEVB Datasheet HTML 5Page - Semtech Corporation SC410AEVB Datasheet HTML 6Page - Semtech Corporation SC410AEVB Datasheet HTML 7Page - Semtech Corporation SC410AEVB Datasheet HTML 8Page - Semtech Corporation SC410AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
SC410A
4
Parameter
Conditions
Min
Typ
Max
Units
Soft start
Soft start Time(1)
Delay from PWM Switching to Output Regulation
850
µs
Current Sense
Zero-Crossing Detector Threshold
LX - PGND
-10
0
+10
mV
Power Good
Power Good Threshold
Upper Limit, V
FB > internal 750mV reference
120
%V
REF
Lower Limit, V
FB < internal 750mV reference
90
PGOOD Delay Time(1)
Between VOUT at 90% of its regulation value
and the PGOOD signal transitioning to high
1
ms
Noise Immunity Delay Time (1)
5
µs
Leakage
1
µA
Power Good On-Resistance
10
Ω
Fault Protection
Output Under-Voltage Fault
FB with Respect to REF,
8 Consecutive Switching Cycles
75
%V
REF
Output Over-Voltage Fault
FB with Respect to REF
120
%V
REF
Smart PowerSave Protection Threshold
FB with Respect to REF
110
%V
REF
OV, UV Fault Noise Immunity Delay (1)
5
μs
Over-Temperature Shutdown (1)
145
°C
Over-Temperature Shutdown Hysterisis(1)
10
°C
Enable Logic
PWM Output Enabled(1)
0.8
V
EN Input Bias Current
V
EN = 5V
-10
10
μA
Gate Drivers
BST Switch On resistance
25
Ω
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com