Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC410AEVB Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC410AEVB
Description  2A EcoSpeed Step-Down Regulator with LDO and Power Save
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC410AEVB Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC410AEVB Datasheet HTML 3Page - Semtech Corporation SC410AEVB Datasheet HTML 4Page - Semtech Corporation SC410AEVB Datasheet HTML 5Page - Semtech Corporation SC410AEVB Datasheet HTML 6Page - Semtech Corporation SC410AEVB Datasheet HTML 7Page - Semtech Corporation SC410AEVB Datasheet HTML 8Page - Semtech Corporation SC410AEVB Datasheet HTML 9Page - Semtech Corporation SC410AEVB Datasheet HTML 10Page - Semtech Corporation SC410AEVB Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
SC410A
7
Typical Characteristics (continued)
PSAVE — 0mA
Time (200µs/div)
V
OUT = 5V, VIN = 14V
V
OUT (20mV/div)
LX (10V/div)
CMM — 1A
Time (1µs/div)
V
OUT = 5V, VIN = 14V
V
OUT (20mV/div)
LX (10V/div)
Start-up — V
IN Toggle
Time (5ms/div)
V
OUT = 5V, VIN = 14V, IOUT = 1A
V
OUT (2V/div)
LX (10V/div)
Start-up — EN Toggle
Time (200µs/div)
V
OUT (2V/div)
LX (10V/div)
V
OUT = 5V, VIN = 14V, IOUT = 1A
Shutdown — V
IN Toggle
Time (5ms/div)
V
OUT (2V/div)
LX (10V/div)
V
OUT = 5V, VIN = 14V, IOUT = 1A
Shutdown — EN Toggle
Time (5ms/div)
V
OUT (2mV/div)
LX (10V/div)
V
OUT = 5V, VIN = 14V, IOUT = 1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com