Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2597 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC2597
Description  Low Voltage DDR Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2597 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC2597 Datasheet HTML 3Page - Semtech Corporation SC2597 Datasheet HTML 4Page - Semtech Corporation SC2597 Datasheet HTML 5Page - Semtech Corporation SC2597 Datasheet HTML 6Page - Semtech Corporation SC2597 Datasheet HTML 7Page - Semtech Corporation SC2597 Datasheet HTML 8Page - Semtech Corporation SC2597 Datasheet HTML 9Page - Semtech Corporation SC2597 Datasheet HTML 10Page - Semtech Corporation SC2597 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SC2597
7
Typical Characteristics
0.6V VTT Regulation Sink/Source
0.580
0.590
0.600
0.610
0.620
-3
-2
-1
0
1
2
3
Sink
Source
25
0C
85
0C
-40
0C
Characteristics in this section are based upon the detailed application circuit on page 6.
0.75V VTT Regulation Sink/Source
0.9V VTT Regulation Sink/Source
0.6V VREF Regulation Sink/Source
0.75V VREF Regulation Sink/Source
0.9V VREF Regulation Sink/Source
VTT Current (A)
0.730
0.740
0.750
0.760
0.770
-3
-2
-1
0
1
2
3
Sink
Source
25
0C
85
0C
-40
0C
VTT Current (A)
0.880
0.890
0.900
0.910
0.920
-3
-2
-1
0
1
2
3
Sink
Source
25
0C
85
0C
-40
0C
VTT Current (A)
0.580
0.590
0.600
0.610
0.620
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
25
0C
85
0C
-40
0C
Source
Sink
VREF Current (A)
0.730
0.740
0.750
0.760
0.770
-0.05
-0.04 -0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
Sink
Source
25
0C
85
0C
-40
0C
VREF Current (A)
0.880
0.890
0.900
0.910
0.920
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
Sink
Source
25
0C
85
0C
-40
0C
VREF Current (A)
VIN = 1.2V, VDDQ = 1.2V, VDD = 3.3V
VIN = 1.2V, VDDQ = 1.2V, VDD = 3.3V
VIN = 1.5V, VDDQ = 1.5V, VDD = 3.3V
VIN = 1.5V, VDDQ = 1.5V, VDD = 3.3V
VIN = 1.8V, VDDQ = 1.8V, VDD = 3.3V
VIN = 1.8V, VDDQ = 1.8V, VDD = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com