Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847QAS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BC847QAS
Description  45 V, 100 mA NPN/NPN general-purpose transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC847QAS Datasheet(HTML) 5 Page - NXP Semiconductors

  BC847QAS Datasheet HTML 1Page - NXP Semiconductors BC847QAS Datasheet HTML 2Page - NXP Semiconductors BC847QAS Datasheet HTML 3Page - NXP Semiconductors BC847QAS Datasheet HTML 4Page - NXP Semiconductors BC847QAS Datasheet HTML 5Page - NXP Semiconductors BC847QAS Datasheet HTML 6Page - NXP Semiconductors BC847QAS Datasheet HTML 7Page - NXP Semiconductors BC847QAS Datasheet HTML 8Page - NXP Semiconductors BC847QAS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NXP Semiconductors
BC847QAS
45 V, 100 mA NPN/NPN general-purpose transistor
BC847QAS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
8 July 2015
5 / 13
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
VCB = 30 V; IE = 0 A; Tj = 150 °C
-
-
5
µA
ICBO
collector-base cut-off
current
VCB = 30 V; IE = 0 A; Tamb = 25 °C
-
-
15
nA
IEBO
emitter-base cut-off
current
VEB = 5 V; IC = 0 A; Tamb = 25 °C
-
-
100
nA
hFE
DC current gain
VCE = 5 V; IC = 2 mA; Tamb = 25 °C
200
-
450
IC = 10 mA; IB = 0.5 mA; Tamb = 25 °C
-
-
100
mV
VCEsat
collector-emitter
saturation voltage
IC = 100 mA; IB = 5 mA; pulsed;
tp ≤ 300 µs; δ ≤ 0.02; Tamb = 25 °C
-
-
300
mV
IC = 10 mA; IB = 0.5 mA; Tamb = 25 °C
-
760
-
mV
VBEsat
base-emitter saturation
voltage
IC = 100 mA; IB = 5 mA; pulsed;
tp ≤ 300 µs; δ ≤ 0.02; Tamb = 25 °C
-
900
-
mV
VCE = 5 V; IC = 2 mA; Tamb = 25 °C
600
660
725
mV
VBE
base-emitter voltage
VCE = 5 V; IC = 10 mA; Tamb = 25 °C
-
710
820
mV
CC
collector capacitance
VCB = 10 V; IE = 0 A; ie = 0 A;
f = 1 MHz; Tamb = 25 °C
-
-
4
pF
CE
emitter capacitance
VEB = 0.5 V; IC = 0 A; f = 1 MHz;
Tamb = 25 °C
-
11
-
pF
fT
transition frequency
VCE = 5 V; IC = 10 mA; f = 100 MHz;
Tamb = 25 °C
100
-
-
MHz
NF
noise figure
VCE = 5 V; IC = 0.2 mA; RS = 2 kΩ;
f = 1 MHz; B = 200 Hz; Tamb = 25 °C
-
-
10
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com