Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847QAS Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BC847QAS
Description  45 V, 100 mA NPN/NPN general-purpose transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC847QAS Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BC847QAS Datasheet HTML 5Page - NXP Semiconductors BC847QAS Datasheet HTML 6Page - NXP Semiconductors BC847QAS Datasheet HTML 7Page - NXP Semiconductors BC847QAS Datasheet HTML 8Page - NXP Semiconductors BC847QAS Datasheet HTML 9Page - NXP Semiconductors BC847QAS Datasheet HTML 10Page - NXP Semiconductors BC847QAS Datasheet HTML 11Page - NXP Semiconductors BC847QAS Datasheet HTML 12Page - NXP Semiconductors BC847QAS Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NXP Semiconductors
BC847QAS
45 V, 100 mA NPN/NPN general-purpose transistor
BC847QAS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
8 July 2015
10 / 13
14. Revision history
Table 8.
Revision history
Data sheet ID
Release date
Data sheet status
Change notice
Supersedes
BC847QAS v.2
20150708
Product data sheet
-
BC847QAS v.1
Modification:
• Change of binary marking code position.
BC847QAS v.1
20140729
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com