Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6214L Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE6214L
Description  Smart Dual Current Sense Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6214L Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE6214L Datasheet HTML 9Page - Infineon Technologies AG TLE6214L Datasheet HTML 10Page - Infineon Technologies AG TLE6214L Datasheet HTML 11Page - Infineon Technologies AG TLE6214L Datasheet HTML 12Page - Infineon Technologies AG TLE6214L Datasheet HTML 13Page - Infineon Technologies AG TLE6214L Datasheet HTML 14Page - Infineon Technologies AG TLE6214L Datasheet HTML 15Page - Infineon Technologies AG TLE6214L Datasheet HTML 16Page - Infineon Technologies AG TLE6214L Datasheet HTML 17Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Preliminary Datasheet TLE 6214 L
V2 Preliminary
Page
25.06.2003
13
Figure 7: Serial Interface Timing Diagram
tlead
tSCKH
0.2VS
tlag
tH
tSCKL
0.2 VS
tSU
0.7VS
0.2VS
CS
SCLK
SI
0.7VS
tdt
0.7VS
Figure 8: Input Timing Diagram
SO Valid Time Waveforms
Enable and Disable Time Waveforms
tvalid
SC L K
CS
SO
tDis
0.2 V S
SO
0.7 V S
0.7 V S
0.2 V S
SO
0.7 V S
0.2 V S
Application Circuits
Application Circuit using Status Outputs only
OUT1
OUT2
TLE
6214 L
VS
VS
GND
VBB
µC
e.g. C166
IN1
IN2
ST1
Status2
SI
CS
SCLK
Status1
10k
ST2
Application Circuit using SPI and Current Sense Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com