Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6214L Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE6214L
Description  Smart Dual Current Sense Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6214L Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE6214L Datasheet HTML 1Page - Infineon Technologies AG TLE6214L Datasheet HTML 2Page - Infineon Technologies AG TLE6214L Datasheet HTML 3Page - Infineon Technologies AG TLE6214L Datasheet HTML 4Page - Infineon Technologies AG TLE6214L Datasheet HTML 5Page - Infineon Technologies AG TLE6214L Datasheet HTML 6Page - Infineon Technologies AG TLE6214L Datasheet HTML 7Page - Infineon Technologies AG TLE6214L Datasheet HTML 8Page - Infineon Technologies AG TLE6214L Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Preliminary Datasheet TLE 6214 L
V2 Preliminary
Page
25.06.2003
3
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
VS = 4.5V – 5.5V ; Tj = - 40 °C to + 150 °C
(unless otherwise specified)
min
typ
max
1. Power Supply
Supply Voltage
VS
4.5
--
5.5
V
Supply Current
IS
--
5
mA
Supply Current in Sleep Mode (CS = H)
IS(sleep)
--
--
10
µA
Wake up Time (after sleep mode)
twake
100
µs
2. Power Outputs
ON Resistance VS = 5 V; ID = 2 A
TJ = 25°C
TJ = 125°C
TJ = 150°C
RDS(ON)
--
--
--
0.18
0.27
0.3
0.22
0.32
0.36
Ω
Output Clamping Voltage
output OFF
VDS(AZ)
48
--
60
V
Current Limit 1: Current limitation
ID(lim1)
5
6.5
8
A
Current Limit 2 :Overload switch off
ID(lim2)
9
10,5
12
A
Reverse Current per channel1
Irev
2
A
Output Leakage Current
Sleep mode active
ID(lkg)
--
--
5
µA
Turn-On Time 1
ID = 2 A, resistive load
Turn-On Time 2
ID = 2 A, resistive load
tON
--
5
20
10
50
µs
Turn-Off Time 1
ID = 2 A, resistive load
Turn-Off Time 2
ID = 2 A, resistive load
tOFF
--
5
20
10
50
µs
Turn On slew rate
UDS 80% to 30%, Vbat = 14V
Slew rate 1
ID = 2 A, resistive load
Slew rate 2
ID = 2 A, resistive load
sON
1
5
1
20
5
V/µs
Turn Off slew rate
UDS 30% to 80%, Vbat = 14V
Slew rate 1
ID = 2 A, resistive load
Slew rate 2
ID = 2 A, resistive load
sOFF
1
5
1
20
5
V/µs
3. Digital Inputs
Input Low Voltage
VINL
--
--
1.0
V
Input High Voltage
VINH
2.0
--
--
V
Input Voltage Hysteresis
VINHys
100
200
400
mV
Input Pull Down Current (IN1 ... IN2)
IIN(1..2)
20
50
100
µA
Input Pull Down Current (SI, SCLK)
IIN(SI,SCLK)
10
20
50
µA
Input Pull Up Current (CS)
IIN(CS)
10
20
50
µA
4. Digital Outputs (SO, FAULT , Status 1/2)
SO High State Output Voltage
ISOH = 2 mA
VSOH
VS - 0.4 --
--
V
SO Low State Output Voltage
ISOL = 2.5 mA
VSOL
--
--
0.4
V
1 without loss of function, supply current can be I
S > 5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com