Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6228GP Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE6228GP
Description  Smart Quad Channel Low-Side Switch?
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6228GP Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE6228GP Datasheet HTML 1Page - Infineon Technologies AG TLE6228GP Datasheet HTML 2Page - Infineon Technologies AG TLE6228GP Datasheet HTML 3Page - Infineon Technologies AG TLE6228GP Datasheet HTML 4Page - Infineon Technologies AG TLE6228GP Datasheet HTML 5Page - Infineon Technologies AG TLE6228GP Datasheet HTML 6Page - Infineon Technologies AG TLE6228GP Datasheet HTML 7Page - Infineon Technologies AG TLE6228GP Datasheet HTML 8Page - Infineon Technologies AG TLE6228GP Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
D a tash eet T L E 6228 G P
V3.1
Page
26. Aug. 2002
5
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
VS = 4.8 to 18 V ; Tj = - 40 °C to + 150 °C
(unless otherwise specified)
min
typ
max
1. Power Supply (VS)
Supply current (Outputs ON)
IS
8mA
Supply current (Outputs OFF)
VENA = L, VSTBY = H
IS
4mA
Standby current
VSTBY = L
IS
10
µA
Operating voltage
VS
4.8
32
V
2. Power Outputs
ON state resistance Channel 1,2
Tj = 25
° C
ID = 1A; VS
≥ 9.5 V
Tj = 150°C
RDS(ON)
0.23
0.26
0.5
Ω
ON state resistance Channel 3,4
Tj = 25
° C
ID = 1A; VS
≥ 9.5 V
Tj = 150°C
RDS(ON)
0.28
0.4
0.75
Ω
Z-Diode clamping voltage (OUT1...4)
ID
≥ 100 mA
VDS(AZ)
45
60
V
Pull down current
VSTBY = H, VIN = L
IPD
10
20
50
µA
Output leakage current
3
VSTBY = L, 0V
≤ VDS ≤ 20V
IDlk
5µA
Output turn on time
4
ID = 1 A
Output turn off time
4
ID = 1 A
Output on fall time
4
ID = 1 A
Output off rise time
4
ID = 1 A
Overload switch-off delay time
4
Output off status delay time
4
Failure extension Time for Status Report
Input Suppression Time
Open Load (off) filtering Time
5
ton
toff
tfall
trise
tDSO
tD
tD-failure
tD-IN
tfOL(off)
3
3
3
3
20
500
500
500
10
15
20
10
5
60
1200
1200
1200
30
50
60
30
30
100
3000
3000
3000
100
µs
3. Digital Inputs (IN1, IN2, IN3, IN4, ENA)
Input low voltage
VINL
- 0.3
1.0
V
Input high voltage
VINH
2.0
6.0
V
Input voltage hysteresis
5
VINHys
50
200
mV
Input pull down current
VIN = 5 V; VS
≥ 6.5 V
IIN
10
30
60
µA
Enable pull down current
VENA = 5 V; VS
≥ 6.5 V
IENA
10
20
40
µA
4. Digital Status Outputs (ST1 - ST4) Open Drain
Output voltage low
IST = 2 mA
VSTL
0.5
V
Leakage current high
ISTH
2µA
3 If the output voltage exceeds 35V, this current (zener current of a internal structure) can rise up to 1mA
4 See timing diagram, resistive load condition; V
S
≥ 9 V
5 This parameter will not be testet but assured by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com