Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6228GP Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE6228GP
Description  Smart Quad Channel Low-Side Switch?
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6228GP Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE6228GP Datasheet HTML 10Page - Infineon Technologies AG TLE6228GP Datasheet HTML 11Page - Infineon Technologies AG TLE6228GP Datasheet HTML 12Page - Infineon Technologies AG TLE6228GP Datasheet HTML 13Page - Infineon Technologies AG TLE6228GP Datasheet HTML 14Page - Infineon Technologies AG TLE6228GP Datasheet HTML 15Page - Infineon Technologies AG TLE6228GP Datasheet HTML 16Page - Infineon Technologies AG TLE6228GP Datasheet HTML 17Page - Infineon Technologies AG TLE6228GP Datasheet HTML 18Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
D a tash eet T L E 6228 G P
V3.1
Page
26. Aug. 2002
17
Package and ordering code
all dimensions in mm
P - DSO - 20 - 12
Ordering code
TLE 6228 GP
Q67006-A9364
0.1
8°
1.2 -0.3
15.9 +/-0.15
A
2.8
8°
8°
8°
6.3
11 +/-0.15
1)
14.2 +/-0.3
110
11
20
P IN 1 INDE X MA RK IN G
1 x 45°
13.7 -0.2
9 x
= 1 1 .4 3
1.27
1.27
0.25
A
M
0.4 +0.13
15.74 +/- 0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com