Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6228 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE6228
Description  Smart Quad Channel Low-Side Switch?
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6228 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE6228 Datasheet HTML 3Page - Infineon Technologies AG TLE6228 Datasheet HTML 4Page - Infineon Technologies AG TLE6228 Datasheet HTML 5Page - Infineon Technologies AG TLE6228 Datasheet HTML 6Page - Infineon Technologies AG TLE6228 Datasheet HTML 7Page - Infineon Technologies AG TLE6228 Datasheet HTML 8Page - Infineon Technologies AG TLE6228 Datasheet HTML 9Page - Infineon Technologies AG TLE6228 Datasheet HTML 10Page - Infineon Technologies AG TLE6228 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
D a tash eet T L E 6228 G P
V3.1
Page
26. Aug. 2002
7
Application Description
This IC is especially designed to drive inductive loads (relays, electromagnetic valves).
Integrated clamp-diodes limit the output voltage when inductive loads are discharged.
Four open-drain logic outputs indicate the status of the integrated ciruit. The following conditions are
monitored and signalled:
- overloading of output (also shorted load to supply) in active mode
- open and shorted load to ground in active and inactive mode
- overtemperature
Circuit Description
Input Circuits
The control and enable inputs, both active high, consist of schmitt triggers with hysteresis. All inputs
are provided with pull-down current sources. Not connected inputs are interpreted as low and the re-
spective output stages are switched off.
In standby mode (STBY = LOW ) the current consumption is greatly reduced.
The circuit is active when STBY = HIGH.
If the standby function is not used, it is allowed to connect the standby pin directly to VS.
Status Signals: The status signals are undefined for 2ms after a power up event or a STBY low to high
transition.
Output Stages
The four power outputs consist of DMOS-power transistors with open drains. The output stages are
short circuit protected throughout the operating range. Each output has it's own zenerclamp. This
causes a voltage limitation at the power transistor when inductive loads are switched off.
Parallel to the DMOS transistors there are internal pull down current sources. They are provided to
detect an open load condition in the off state. They will be disconnected in the standby mode.
Due to EMI measures there is an internal zenerclamp in parallel to the output stage. It gets active
above 33V drain source voltage. This leads to an increasing leakage current up to 1 mA @ VDS = 40V.
Protective Circuits
The outputs are protected
6) against current overload and overtemperature. If the output current in-
creases above the overload detection threshold IQO for a longer time then tDSO or the temperature in-
creases above Tth, then the power transistor is immediately switched off. It remains off until the control
signal at the input is switched off and on again.
Fault Detection
The status outputs indicate the switching state of the output stage. Under normal conditions is: ST =
low
Output off; ST = high
Output on. If an error occurs, the logic level of the status output is in-
verted, as listed in the diagnostic table.
6) The integrated protection functions prevent an IC destruction under fault conditions and may not be used in
normal operation or permanently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com