Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6228 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE6228
Description  Smart Quad Channel Low-Side Switch?
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6228 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE6228 Datasheet HTML 1Page - Infineon Technologies AG TLE6228 Datasheet HTML 2Page - Infineon Technologies AG TLE6228 Datasheet HTML 3Page - Infineon Technologies AG TLE6228 Datasheet HTML 4Page - Infineon Technologies AG TLE6228 Datasheet HTML 5Page - Infineon Technologies AG TLE6228 Datasheet HTML 6Page - Infineon Technologies AG TLE6228 Datasheet HTML 7Page - Infineon Technologies AG TLE6228 Datasheet HTML 8Page - Infineon Technologies AG TLE6228 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
D a tash eet T L E 6228 G P
V3.1
Page
26. Aug. 2002
3
Pin Description
Pin Configuration (Top view)
Pin
Symbol
Function
1
GND
Ground
2
OUT1
Power Output channel 1
3
ST1
Status Output channel 1
4
IN4
Control Input channel 4
5
VS
Supply Voltage
6
STBY
Standby
7
IN3
Control Input channel 3
8
ST2
Status Output channel 2
9
OUT2
Power Output channel 2
10
GND
Ground
11
GND
Ground
12
OUT3
Power Output channel 3
13
ST3
Status Output channel 3
14
IN2
Control Input channel 2
15
GND
Ground Logic
16
ENA
Enable Input for all four channels
17
IN1
Control Input channel 1
18
ST4
Status Output channel 4
19
OUT4
Power Output channel 4
20
GND
Ground
Heat slug internally connected to ground pins
GND
1
•
20
GND
OUT1
2
19 OUT4
ST1
3
18
ST4
IN4
4
17
IN1
VS
5
16
ENA
STBY
6
15 GNDL
IN3
7
14
IN2
ST2
8
13
ST3
OUT2
9
12 OUT3
GND
10
11
GND
P - DSO - 20 - 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com