Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6262G Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE6262G
Description  Fault Tolerant CAN - LDO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6262G Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE6262G Datasheet HTML 19Page - Infineon Technologies AG TLE6262G Datasheet HTML 20Page - Infineon Technologies AG TLE6262G Datasheet HTML 21Page - Infineon Technologies AG TLE6262G Datasheet HTML 22Page - Infineon Technologies AG TLE6262G Datasheet HTML 23Page - Infineon Technologies AG TLE6262G Datasheet HTML 24Page - Infineon Technologies AG TLE6262G Datasheet HTML 25Page - Infineon Technologies AG TLE6262G Datasheet HTML 26Page - Infineon Technologies AG TLE6262G Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
Final Data TLE 6262 G
23
version: 2.03 date: 2002-03-20
CAN-Transceiver
Receiver Output R
´D
HIGH level output voltage
V
OH
VCC
– 0.9
–
VCC
V
I0 = – 250µA
LOW level output voltage
V
OL
0–
0.9
V
I0 = 1.25mA
Transmission Input T
´D
HIGH level input voltage
threshold
V
IH
0.52
´
VCC
0.70
´
VCC
V
LOW level input voltage
threshold
V
IL
0.30
´
VCC
0.48
´
VCC
V
HIGH level input current
I
IH
-140
-40
-10
µA
Vi = 4 V
LOW level input current
I
IL
-600
-200
-40
µA
Vi = 1 V
Bus Lines CANL, CANH
Differential receiver
recessive-to-dominant
threshold voltage
V
dRxD(rd)
-2.8
-2.5
-2.2
V
Differential receiver
dominant-to-recessive
threshold voltage
V
dRxD(dr)
-3.1
-2.9
-2.5
V
CANH recessive output
voltage
V
CANHr
0.1
0.2
0.3
V
TxD = VCC;
RRTH < 4 kW
CANL recessive output
voltage
V
CANLr
VCC
- 0.2
––
V
TxD = VCC;
RRTL < 4 kW
CANH dominant output
voltage
V
CANHd
VCC
-1.4
VCC
-1.0
VCC
V
TxD = 0 V;
ICANH = – 40 mA
2.3
Electrical Characteristics (cont’d)
9V <
VS <16 V; ICC =-100
mA; normal mode; all outputs open; – 40 °C< Tj < 150 °C; CAN-
transceiver circuitry: – 40
°C< Tj <125 °C; all voltages with respect to ground; positive current
defined flowing into pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com