Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6286G Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE6286G
Description  LIN-Transceiver LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6286G Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE6286G Datasheet HTML 1Page - Infineon Technologies AG TLE6286G Datasheet HTML 2Page - Infineon Technologies AG TLE6286G Datasheet HTML 3Page - Infineon Technologies AG TLE6286G Datasheet HTML 4Page - Infineon Technologies AG TLE6286G Datasheet HTML 5Page - Infineon Technologies AG TLE6286G Datasheet HTML 6Page - Infineon Technologies AG TLE6286G Datasheet HTML 7Page - Infineon Technologies AG TLE6286G Datasheet HTML 8Page - Infineon Technologies AG TLE6286G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Target Data
TLE 6286
Version 1.02
4
2001-10-15
1.4
Pin Definitions and Functions:
Pin No.
Symbol
Function
1,8,9,16
GND
Ground; place to cooling tabs to improve thermal behavior
2RD
Reset delay; connected to ground with capacitor
3WD
Window Watchdog; rising-edge triggered, for monitoring a
microcontroller
4VCC
5V Output; connected to GND with 22µF capacitor, ESC<3
Ω
5
INHO
Inhibit LIN Output; to control a voltage regulator
6RxD
Receive Data Output; internal 30k
Ω pull up to Vs, LOW in
dominat state
7ENLIN
Enable LIN Input; integrated 30k
Ω pull down, transceiver in
normal operation mode when HIGH
10
V
S
5V Supply Input; V
CC input to supply the LIN transceiver
11
TxD
Transmit Data Input; internal 30k
Ω pull up to Vs, LOW in
dominant state
12
BUS
LIN BUS Output/Input; internal 30k
Ω pull up to Vs, LOW in
dominant state
13
V
BAT
Battery Supply Input; a reverse current protection diode is
required, block GND with 100nF ceramic capacitor and 22µF
capacitor
14
INHI
Inhibit Voltage Regulator Input; TTL compatible, low active
input
15
RO
Reset Output; open collector output connected to the output via
a resistor of 30k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com