Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6286G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE6286G
Description  LIN-Transceiver LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6286G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE6286G Datasheet HTML 2Page - Infineon Technologies AG TLE6286G Datasheet HTML 3Page - Infineon Technologies AG TLE6286G Datasheet HTML 4Page - Infineon Technologies AG TLE6286G Datasheet HTML 5Page - Infineon Technologies AG TLE6286G Datasheet HTML 6Page - Infineon Technologies AG TLE6286G Datasheet HTML 7Page - Infineon Technologies AG TLE6286G Datasheet HTML 8Page - Infineon Technologies AG TLE6286G Datasheet HTML 9Page - Infineon Technologies AG TLE6286G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Target Data
TLE 6286
Version 1.02
6
2001-10-15
2
Circuit Description
The TLE 6286 is a single-wire transceiver combined with a LDO. It is a chip by chip
integrated circuit in a P-DSO-16-4 package. It works as an interface between the
protocol controller and the physical bus. The TLE 6286 is especially suitable to drive the
bus line in LIN systems in automotive and industrial applications. Further it can be used
in standard ISO9141 systems. The on-chip voltage regulator with watchdog is designed
for sleep mode applications but it is also possible to use an external voltage regulator.
Figure 3
Operation Mode State Diagram
2.1
Operation Modes
In order to reduce the current consumption the TLE 6286 offers a sleep operation mode.
This mode is selected by switching the enable input EN low (see figure 3, state
diagram). In the sleep mode a voltage regulator can be controlled via the INH output in
order to minimize the current consumption of the whole application. A wake-up caused
by a message on the communication bus automatically enables the voltage regulator by
switching the INH output high. In parallel the wake-up is indicated by setting the RxD
output low. When entering the normal mode this wake-up flag is reset and the RxD
output is released to transmit the bus data.
Start Up
Power Up
Wake Up
t > t
WAKE
ENLIN
low
ENLIN
(V
CC
high
ON)
ENLIN
high
1) after wake-up via bus
2)
ON when INHO not connected to INHI
3)
after start up
Normal Mode
ENLIN
ON
VCC
INHO
high
high
Sleep Mode
ENLIN
OFF
2)
V
CC
INHO
low floating
Stand-By
low1)
high3)
V
CC
INHO
low high
RxD
ON
ENLIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com