Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT699E-CPC Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # UT699E-CPC
Description  UT699E 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699E-CPC Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  UT699E-CPC Datasheet HTML 1Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 2Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 3Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 4Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 5Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 6Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 7Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 8Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
3
Aeroflex Microelectronics Solutions - HiRel
36-00-00-001
Ver. 1.5.0
2.0 Pin Identification and Description
Pin Function
Description
I
CMOS input
IS
CMOS input Schmitt
O
CMOS output
I/O
CMOS bi-direct
OD
CMOS open drain
PCI-I
PCI input
PCI-O
PCI output
PCI-I/O
PCI bi-direct
PCI-3
PCI three-state
2.1. System Signals
Notes:
1. This pin is actively driven low and must be tied to VDD through a pull-up resistor.
2.2 Address Bus
Pin Name
Function
Pin
Number
Reset
Value
Description
484 CLGA
SYSCLK
I
Y20
--
Main system clock
RESET
IS
L19
--
System reset
ERROR1
OD
K19
--
Processor error mode indicator. This is an active low
output.
WDOG1
OD
J19
--
Watchdog indicator. This is an active low output.
Pin Name
Direction
Pin
Number
Reset
Value
Description
484 CLGA
ADDR[0]
O
W5
low
Bit 0 of the address bus
ADDR[1]
O
Y5
low
Bit 1 of the address bus
ADDR[2]
O
W6
low
Bit 2 of the address bus
ADDR[3]
O
AA5
low
Bit 3 of the address bus
ADDR[4]
O
Y6
low
Bit 4 of the address bus
ADDR[5]
O
AB5
low
Bit 5 of the address bus
ADDR[6]
O
W7
low
Bit 6 of the address bus
ADDR[7]
O
AA6
low
Bit 7 of the address bus
ADDR[8]
O
Y7
low
Bit 8 of the address bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com