Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT700E-CPC Datasheet(PDF) 44 Page - Aeroflex Circuit Technology

Part # UT700E-CPC
Description  UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT700E-CPC Datasheet(HTML) 44 Page - Aeroflex Circuit Technology

Back Button UT700E-CPC Datasheet HTML 38Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 39Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 40Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 41Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 42Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 43Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 44Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 45Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 46Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
44
36-00-00-000
Ver. 1.3.1
Aeroflex Microelectronics Solutions - HiRel
UT700 LEON 3FT: SMD
Lead Finish: (NOTE 1)
(C)
=
Gold
(F)
=
Solder
Case Outline:
(X) =
484-Ceramic Land Grid Array Package
(Y) =
484-Ceramic Column Grid Array
Screening Level:
(Q) =
QML Class Q
Device Type: (NOTE 2)
(01) =
UT700 (Temperature range: -55oC to +105
oC)
(02) =
UT700 Assembled to Aeroflex’s Q+ Flow (Temp range: -55
oC to +105oC)
Drawing Number:
13238
Total Dose:
(R)
=
1E5 rad(Si)
Federal Stock Class Number: No Options
5962
*
13238
**
*
*
*
Notes:
1. Lead finish is “C” (gold) only.
2.Aeroflex’s Q+ assembly flow, as defined in section 4.2.2.d of the SMD, provides QML-Q product through the SMD that is manufactured with Aerof-
lex’s standard QML-V flow, and has completed QML-V qualification per MIL-PRF-38535.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com