Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT700E-CPC Datasheet(PDF) 16 Page - Aeroflex Circuit Technology

Part # UT700E-CPC
Description  UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT700E-CPC Datasheet(HTML) 16 Page - Aeroflex Circuit Technology

Back Button UT700E-CPC Datasheet HTML 12Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 13Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 14Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 15Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 16Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 17Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 18Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 19Page - Aeroflex Circuit Technology UT700E-CPC Datasheet HTML 20Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
16
36-00-00-000
Ver. 1.3.1
Aeroflex Microelectronics Solutions - HiRel
2.20 Bootstrap Signals
The states of the following signals are latched in upon the rising edge of reset in order to configure the UT700 for the indicated
operation.
N/C
D4, D18, E4, J18, L4, V9
No connect. These pins may be left
floating, or tied to VDD or VSS
Unused
D8
This pin may be left floating or tied to
VSS
Unused
D19
This pin must be tied to VSS
Pin Name
Function
GPIO[1:0]
Sets the data width of the PROM area
00: 8 bits
01: 16 bits
10: 32 bits
11: Not used
GPIO[2]
Enable EDAC checking of the PROM area
0: EDAC disabled
1: EDAC enabled
GPIO[7:4]
Set the SpW clock divisor link bits in the SpW Clock Divisor Register
GPIO[15:12]
Sets the least significant address nibble of the IP and MAC address for the Ethernet Debug Commu-
nication Link (EDCL)
Pin Name
Pin Number
Description
484 CLGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com