Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6288 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE6288
Description  Smart 6 Channel Peak&Hold Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6288 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE6288 Datasheet HTML 1Page - Infineon Technologies AG TLE6288 Datasheet HTML 2Page - Infineon Technologies AG TLE6288 Datasheet HTML 3Page - Infineon Technologies AG TLE6288 Datasheet HTML 4Page - Infineon Technologies AG TLE6288 Datasheet HTML 5Page - Infineon Technologies AG TLE6288 Datasheet HTML 6Page - Infineon Technologies AG TLE6288 Datasheet HTML 7Page - Infineon Technologies AG TLE6288 Datasheet HTML 8Page - Infineon Technologies AG TLE6288 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Preliminary Datasheet TLE6288 R
Vp2
Page 5
13.01.2003
Current Regulator : Peak current control with fixed off-time
Hold only : When the channel is turned on externally (SPI or parallel input) the current rises to the pro-
grammed hold current level. Then the channel is internally turned off and a timer is started for a con-
stant off-time (e.g. 200µs). After this time the channel is internally turned on again until the hold current
level is reached again and so on. This regulation workes automatically until the channel is turned of
externally.
Peak and hold mode with minimum peak time: When the channel is turned on the current rises to the
programmed peak current level. Then the channel is internally turned off, the current regulator changes
to hold current values and a timer is started for a constant off-time. After this time the channel is inter-
nally turned on again until the hold current value is reached and then again turned off for the fixed off
time. This regulation workes automatically until the channel is turned of externally.
Peak and hold mode with programmed peak time: When the channel is turned on the current rises to
the programmed peak current level. Then the channel is internally turned off and a timer is started for a
constant off-time. After this time the channel is internally turned on again until the peak current value is
reached and then again turned off. This works until the programmed peak time is over. Then the cur-
rent regulator changes to hold current values and workes as described under "hold only".
Peak Current, Peak Time, Hold Current and fixed Off-Time can be set via SPI.
To avoid regulation disturbances by current transients during switching (e.g. caused by ESD capacitors
at the outputs) the current regulator has a "leading edge blanking" of typical 20µs in all three regulation
modes. After turning on the DMOS (internally or externally) the current regulation circuit is deactivated
for the first 20µs. This guarantees that switching of the DMOS itself or charging of small capacitors at
the output (e.g. ESD) is not disturbing the current regulation.
Simplified functional block diagram:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com