Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6288 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE6288
Description  Smart 6 Channel Peak&Hold Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6288 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE6288 Datasheet HTML 10Page - Infineon Technologies AG TLE6288 Datasheet HTML 11Page - Infineon Technologies AG TLE6288 Datasheet HTML 12Page - Infineon Technologies AG TLE6288 Datasheet HTML 13Page - Infineon Technologies AG TLE6288 Datasheet HTML 14Page - Infineon Technologies AG TLE6288 Datasheet HTML 15Page - Infineon Technologies AG TLE6288 Datasheet HTML 16Page - Infineon Technologies AG TLE6288 Datasheet HTML 17Page - Infineon Technologies AG TLE6288 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Preliminary Datasheet TLE6288 R
Vp2
Page 14
13.01.2003
7
Diagnostics
detailled description of the diagnosis will be added
8
SPI
The SPI is a Serial Peripheral Interface with 4 digital pins
and an 16 bit shift register. The SPI is used to configure
and program the device, turn on and off channels and to
read detailled diagnostic information.
8.1
SPI Signal Description:
CS - Chip Select. The system microcontroller selects the TLE 6288 R by means of the CS pin. When-
ever the pin is in a logic low state, data can be transferred from the µC and vice versa.
CS = H : Any signals at the SCLK and SI pins are ignored and SO is forced into a high impedance
state.
CS = H L :
• diagnostic information is transferred from
the diagnosis register into the SPI shift
register.
• serial input data can be clocked into the
SPI shift register from then on
• SO changes from high impedance state to
logic high or low state corresponding to
the SO bits
CS = L : SPI is working like a shift register. With each clock signal the state of the SI is read into the
SPI shift-register and one diagnosis bit is written out of SO.
CS = L H:
• transfer of SI bits from SPI shift register into the internal logic registers
• reset of diagnosis register if sent command was valid
To avoid any false clocking the serial clock input pin SCLK should be logic high state (if CKLProg=L;
low state if CLKProg=H) during high to low transition of CS .
SCLK - Serial Clock. The serial clock pin clocks the internal SPI shift register of the TLE 6288 R. The
serial input (SI) accepts data into the input SPI shift register on the rising edge of SCLK (if CKLProg=L;
falling edge if CLKProg=H) while the serial output (SO) shifts diagnostic information out of the SPI shift
register on the falling edge (if CKLProg=L; rising edge if CLKProg=H) of serial clock. It is essential that
the SCLK pin is in a logic high state (if CKLProg=L; low state if CLKProg=H) whenever chip select CS
makes any transition.
SI - Serial Input. Serial data bits are shifted in at this pin, the most significant bit (MSB) first. SI infor-
mation is read in on the rising edge of SCLK (if CKLProg=L; falling edge if CLKProg=H). Input data is
latched in the SPI shift register and then transferred to the internal registers of the logic.
The input data consist of 16 bit, made up of 4 control bits and 12 data bits. The control word is used to
program the device, to operate it in a certain mode as well as providing diagnostic information (see SPI
Commands).
SO - Serial Output. Diagnostic data bits are shifted out serially at this pin, the most significant bit (MSB)
first. SO is in a high impedance state until the CS pin goes to a logic low state. New diagnostic data will
appear at the SO pin following the falling edge of SCLK (if CKLProg=L; rising edge if CLKProg=H).
SPI
CS
SCLK
SI
SO
internal logic registers
diagnosis register
16 bit SPI shift register
SI
SO
CS
CS
MSB
MSB
LSB
LSB
Serial input
data MSB first
Serial output
(diagnosis)
MSB first



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com