Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6711 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE6711
Description  Multifunctional Voltage Regulator and Watchdog
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6711 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE6711 Datasheet HTML 18Page - Infineon Technologies AG TLE6711 Datasheet HTML 19Page - Infineon Technologies AG TLE6711 Datasheet HTML 20Page - Infineon Technologies AG TLE6711 Datasheet HTML 21Page - Infineon Technologies AG TLE6711 Datasheet HTML 22Page - Infineon Technologies AG TLE6711 Datasheet HTML 23Page - Infineon Technologies AG TLE6711 Datasheet HTML 24Page - Infineon Technologies AG TLE6711 Datasheet HTML 25Page - Infineon Technologies AG TLE6711 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
TLE 6711
Application Circuit
Data Sheet V 2.22
22
2001-04-23
3
Application Circuit
Figure 10 shows the application circuit of the TLE 6711 with the suggested external
parts.
Figure 10
Application Circuit
AEB02948
12
BOFB
Converter
Boost
BOGND
BOI
13
14
10 BDS
Buck
Converter
8
9
BUO
BOOST
V
7
CC
V
Internal
V
5 SEN
WDI
3
RO
2
OVL
11
Window
Reset
and
Watchdog
Enable
System
GND
and
Oscillator
Generator
Reference
Current
1
R
Biasing
REF
V
BUC 6
Boost
V
BO
VBatt
L
C
10 µF
C
220 nF
36 V
ZD1
S
D1
2
L
100 µH
DBO
BOOST
C
220 nF
BO2
R
BO1
R
BO1
C
4700 µF
BO2
V
D
Ω
100 k
10 k
Ω
10 nF
BO1
C
10 nF
CBOT
BOLoad
I
BUC
R
47 k
Ω
470
CBUC
47 k
Ω
R
R
4
C
220 nF
CBU1
100 µF
BU2
BU
L
BU
220 µH
D
10 k
Ω
System
Enable
Trigger
Watchdog
Output
Reset
Status
Boost
VCC
TLE 6711 G
Output
Input
Output
nF
Device Type
Supplier Remarks
B82442-A1104
Infineon
220 µH; 0.24 A; 2.72
D1
D2
DBO
DBU
L BO
L BU
B82442-H2204
-
BAW78B
BAW78C
BAW78C
Infineon
Infineon
-
EPCOS
EPCOS
100 µH; 0.25 A; 1.28
Schottky; 100 V; 1 A
200 V; 1 A; SOT-89
200 V; 1 A; SOT-89
100 V; 1 A; SOT-89
Ω
Ω
Schottky; 40 V; 1 A
multiple
SS14
BO
D
100 µH; 1.2 A; 0.28
Ω
Coilcraft
Do3316P-104
L BO
220 µH; 0.8 A; 0.61
Ω
Do3316P-224
BU
L
Coilcraft



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com