Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP8600P Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP8600P
Description  Fast Switching Characteristic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP8600P Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP8600P Datasheet HTML 1Page - Advanced Power Electronics Corp. AP8600P Datasheet HTML 2Page - Advanced Power Electronics Corp. AP8600P Datasheet HTML 3Page - Advanced Power Electronics Corp. AP8600P Datasheet HTML 4Page - Advanced Power Electronics Corp. AP8600P Datasheet HTML 5Page - Advanced Power Electronics Corp. AP8600P Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AP8600P
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Drain Current v.s. Case
Fig 12. Transfer Characteristics
Temperature
4
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthjc + TC
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
0
2000
4000
6000
8000
1
2141
6181
101
V DS ,Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0
2
4
6
8
10
12
0
2040
6080
100
Q G , Total Gate Charge (nC)
I D =40A
V DS =64V
0.1
1
10
100
1000
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
T C =25
o C
Single Pulse
100us
1ms
10ms
100ms
DC
Operation in this area
limited by RDS(ON)
0
20
40
60
80
100
120
25
50
75
100
125
150
T C , Case Temperature (
o C )
Limited by package
0
40
80
120
160
02468
10
V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS =5V
T j = -55
o C
.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com