Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP8600P Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP8600P
Description  Fast Switching Characteristic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP8600P Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP8600P Datasheet HTML 1Page - Advanced Power Electronics Corp. AP8600P Datasheet HTML 2Page - Advanced Power Electronics Corp. AP8600P Datasheet HTML 3Page - Advanced Power Electronics Corp. AP8600P Datasheet HTML 4Page - Advanced Power Electronics Corp. AP8600P Datasheet HTML 5Page - Advanced Power Electronics Corp. AP8600P Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Simple Drive Requirement
BVDSS
80V
▼ Ultra-low On-resistance
RDS(ON)
5mΩ
▼ Fast Switching Characteristic
ID
3
105A
▼ RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings@Tj=25
oC(unless otherwise specified)
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TC=25℃
A
ID@TC=100℃
A
IDM
A
PD@TC=25℃
W
PD@TA=25℃
W
EAS
Single Pulse Avalanche Energy
4
mJ
TSTG
℃
TJ
℃
Symbol
Value
Units
Rthj-c
Maximum Thermal Resistance, Junction-case
1.2
℃
/W
Rthj-a
Maximum Thermal Resistance, Junction-ambient
62
℃
/W
Data and specifications subject to change without notice
Parameter
1
Total Power Dissipation
2
Storage Temperature Range
Operating Junction Temperature Range
-55 to 150
Thermal Data
28.8
Total Power Dissipation
104
-55 to 150
Gate-Source Voltage
+20
Pulsed Drain Current
1
Drain Current, VGS @ 10V
Drain Current (Chip), VGS @ 10V
3
Drain Current, VGS @ 10V
3
80
Parameter
Rating
Drain-Source Voltage
80
AP8600P
Halogen-Free Product
201602013
320
67
105
G
D
S
G
D
S
TO-220(P)
AP4604 series are from Advanced Power innovated design
and silicon process technology to achieve the lowest possible
on-resistance and fast switching performance. It provides the
designer with an extreme efficient device for use in a wide
range of power applications.
The TO-220 package is widely preferred for all commercial-
industrial through hole applications. The low thermal
resistance and low package cost contribute to the worldwide
popular package.
G
D
S
G
D
S
TO-220(P)
AP8600 series are from Advanced Power innovated design
and silicon process technology to achieve the lowest possible
on-resistance and fast switching performance. It provides the
designer with an extreme efficient device for use in a wide
range of power applications.
The TO-220 package is widely preferred for all commercial-
industrial through hole applications. The low thermal
resistance and low package cost contribute to the worldwide
popular package.
.


Similar Part No. - AP8600P

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP8600MT A-POWER-AP8600MT Datasheet
73Kb / 6P
Ultra Low On-resistance
AP8600MT-L A-POWER-AP8600MT-L Datasheet
80Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP8600S A-POWER-AP8600S Datasheet
114Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP8600P

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP07S60H-A-HF A-POWER-AP07S60H-A-HF Datasheet
93Kb / 4P
Fast Switching Characteristic
AP03N90I-HF A-POWER-AP03N90I-HF_14 Datasheet
99Kb / 4P
Fast Switching Characteristic
AP10N60W A-POWER-AP10N60W_14 Datasheet
191Kb / 5P
Fast Switching Characteristic
AP2310GG-HF A-POWER-AP2310GG-HF_14 Datasheet
62Kb / 4P
Fast Switching Characteristic
AP2340GN-HF A-POWER-AP2340GN-HF_14 Datasheet
62Kb / 4P
Fast Switching Characteristic
AP2606AGY-HF A-POWER-AP2606AGY-HF_14 Datasheet
100Kb / 4P
Fast Switching Characteristic
AP2606GY-HF A-POWER-AP2606GY-HF_14 Datasheet
94Kb / 5P
Fast Switching Characteristic
AP2763W-A A-POWER-AP2763W-A_14 Datasheet
238Kb / 5P
Fast Switching Characteristic
AP2864I-A-HF A-POWER-AP2864I-A-HF_14 Datasheet
99Kb / 4P
Fast Switching Characteristic
AP3986P A-POWER-AP3986P_14 Datasheet
102Kb / 5P
Fast Switching Characteristic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com