Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA8-16AI Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATMEGA8-16AI
Description  8-bit AVR with 8K Bytes In-System Programmable Flash
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8-16AI Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATMEGA8-16AI Datasheet HTML 17Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 18Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 19Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 20Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 21Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 22Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 23Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 24Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 303 page
background image
21
ATmega8(L)
2486M–AVR–12/03
The next code examples show assembly and C functions for reading the EEPROM. The
examples assume that interrupts are controlled so that no interrupts will occur during
execution of these functions.
EEPROM Write during Power-
down Sleep Mode
When entering Power-down sleep mode while an EEPROM write operation is active, the
EEPROM write operation will continue, and will complete before the Write Access time
has passed. However, when the write operation is completed, the Oscillator continues
running, and as a consequence, the device does not enter Power-down entirely. It is
therefore recommended to verify that the EEPROM write operation is completed before
entering Power-down.
Preventing EEPROM
Corruption
During periods of low V
CC, the EEPROM data can be corrupted because the supply volt-
age is too low for the CPU and the EEPROM to operate properly. These issues are the
same as for board level systems using EEPROM, and the same design solutions should
be applied.
An EEPROM data corruption can be caused by two situations when the voltage is too
low. First, a regular write sequence to the EEPROM requires a minimum voltage to
operate correctly. Second, the CPU itself can execute instructions incorrectly, if the sup-
ply voltage is too low.
EE PR O M da ta co rrupt i o n c an eas il y be av oi de d b y f o l lo w i n g t h i s de si gn
recommendation:
Assembly Code Example
EEPROM_read:
; Wait for completion of previous write
sbic EECR,EEWE
rjmp EEPROM_read
; Set up address (r18:r17) in address register
out
EEARH, r18
out
EEARL, r17
; Start eeprom read by writing EERE
sbi
EECR,EERE
; Read data from data register
in
r16,EEDR
ret
C Code Example
unsigned char EEPROM_read(unsigned int uiAddress)
{
/* Wait for completion of previous write */
while(EECR & (1<<EEWE))
;
/* Set up address register */
EEAR = uiAddress;
/* Start eeprom read by writing EERE */
EECR |= (1<<EERE);
/* Return data from data register */
return EEDR;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com