Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA8-16AI Datasheet(PDF) 39 Page - ATMEL Corporation

Part # ATMEGA8-16AI
Description  8-bit AVR with 8K Bytes In-System Programmable Flash
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8-16AI Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button ATMEGA8-16AI Datasheet HTML 35Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 36Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 37Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 38Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 39Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 40Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 41Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 42Page - ATMEL Corporation ATMEGA8-16AI Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 303 page
background image
39
ATmega8(L)
2486M–AVR–12/03
Watchdog Reset
When the Watchdog times out, it will generate a short reset pulse of 1 CK cycle dura-
tion. On the falling edge of this pulse, the delay timer starts counting the time-out period
t
TOUT. Refer to page 41 for details on operation of the Watchdog Timer.
Figure 19. Watchdog Reset During Operation
MCU Control and Status
Register – MCUCSR
The MCU Control and Status Register provides information on which reset source
caused an MCU Reset.
• Bit 7..4 – Res: Reserved Bits
These bits are reserved bits in the ATmega8 and always read as zero.
• Bit 3 – WDRF: Watchdog Reset Flag
This bit is set if a Watchdog Reset occurs. The bit is reset by a Power-on Reset, or by
writing a logic zero to the flag.
• Bit 2 – BORF: Brown-out Reset Flag
This bit is set if a Brown-out Reset occurs. The bit is reset by a Power-on Reset, or by
writing a logic zero to the flag.
• Bit 1 – EXTRF: External Reset Flag
This bit is set if an External Reset occurs. The bit is reset by a Power-on Reset, or by
writing a logic zero to the flag.
• Bit 0 – PORF: Power-on Reset Flag
This bit is set if a Power-on Reset occurs. The bit is reset only by writing a logic zero to
the flag.
To make use of the Reset Flags to identify a reset condition, the user should read and
then reset the MCUCSR as early as possible in the program. If the register is cleared
before another reset occurs, the source of the reset can be found by examining the
Reset Flags.
CK
CC
Bit
7
6
5
4
3
2
1
0
–
–
–
–
WDRF
BORF
EXTRF
PORF
MCUCSR
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
See Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com