Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADLD8403 Datasheet(PDF) 4 Page - Analog Devices

Part # ADLD8403
Description  Ultralow Power, Adaptive Linear Power,Dual-Port ADSL/ADSL2 Line Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADLD8403 Datasheet(HTML) 4 Page - Analog Devices

  ADLD8403 Datasheet HTML 1Page - Analog Devices ADLD8403 Datasheet HTML 2Page - Analog Devices ADLD8403 Datasheet HTML 3Page - Analog Devices ADLD8403 Datasheet HTML 4Page - Analog Devices ADLD8403 Datasheet HTML 5Page - Analog Devices ADLD8403 Datasheet HTML 6Page - Analog Devices ADLD8403 Datasheet HTML 7Page - Analog Devices ADLD8403 Datasheet HTML 8Page - Analog Devices ADLD8403 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ADLD8403
Data Sheet
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage, VCC
13.2 V
Power Dissipation
See Figure 3
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified in still air with the exposed pad soldered to a
4-layer JEDEC test board. θJC is specified at the exposed pad.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
20-Lead LFCSP (CP-20-10)
36.1
5.7
°C/W
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation for the ADLD8403 is
limited by its junction temperature on the die.
The maximum safe junction temperature of plastic encapsulated
devices, as determined by the glass transition temperature of the
plastic, is 150°C. Exceeding this limit may temporarily cause a shift
in the parametric performance due to a change in the stresses
exerted on the die by the package. Exceeding this limit for an
extended period can result in device failure.
Figure 3 shows the maximum power dissipation in the package vs.
the ambient temperature for the 20-lead LFCSP on a JEDEC
standard 4-layer board. θJA values are approximations.
6
0
1
2
3
4
5
–25
85
75
65
55
45
35
25
15
5
–5
–15
AMBIENT TEMPERATURE (°C)
TJ = 150°C
Figure 3. Maximum Power Dissipation vs. Ambient Temperature
for a 4-Layer Board
The power dissipated in the package (PD) is easily computed by
taking the total power consumed while driving a signal and
subtracting the power dissipated in the load. The total power
consumed is simply the product of the voltage between the
supply pins (VCC, VEEP, and VCCP) times the supply current (IS).
Use rms voltages and currents.
Airflow increases heat dissipation, effectively reducing θJA. In
addition, more copper in direct contact with the package leads
from PCB traces, through holes, ground, and power planes
reduces θJA.
ESD CAUTION
Rev. C | Page 4 of 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com