Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADLD8403 Datasheet(PDF) 10 Page - Analog Devices

Part # ADLD8403
Description  Ultralow Power, Adaptive Linear Power,Dual-Port ADSL/ADSL2 Line Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADLD8403 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADLD8403 Datasheet HTML 2Page - Analog Devices ADLD8403 Datasheet HTML 3Page - Analog Devices ADLD8403 Datasheet HTML 4Page - Analog Devices ADLD8403 Datasheet HTML 5Page - Analog Devices ADLD8403 Datasheet HTML 6Page - Analog Devices ADLD8403 Datasheet HTML 7Page - Analog Devices ADLD8403 Datasheet HTML 8Page - Analog Devices ADLD8403 Datasheet HTML 9Page - Analog Devices ADLD8403 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ADLD8403
Data Sheet
Rev. C | Page 10 of 10
OUTLINE DIMENSIONS
0.50
BSC
0.50
0.40
0.30
0.30
0.25
0.20
COMPLIANT
TO JEDEC STANDARDS MO-220-WGGD.
BOTTOM VIEW
TOP VIEW
EXPOSED
PAD
PIN 1
INDICATOR
4.10
4.00 SQ
3.90
SEATING
PLANE
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.20 REF
0.25 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
2.65
2.50 SQ
2.35
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
1
20
6
10
11
15
16
5
Figure 14. 20-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
4 mm × 4 mm Body, Very Very Thin Quad
(CP-20-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADLD8403ACPZ-R2
−40°C to +85°C
20-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-20-10
ADLD8403ACPZ-R7
−40°C to +85°C
20-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-20-10
ADLD8403ACPZ-RL
−40°C to +85°C
20-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-20-10
1 Z = RoHS Compliant Part.
©2014 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D08848-0-9/14(C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com