Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDC5028C Datasheet(PDF) 15 Page - Aeroflex Circuit Technology

Part # RDC5028C
Description  RDC5028C 16-Bit Monolithic Tracking Rad Tolerant Resolver-To-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RDC5028C Datasheet(HTML) 15 Page - Aeroflex Circuit Technology

Back Button RDC5028C Datasheet HTML 11Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 12Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 13Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 14Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 15Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 16Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 17Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 18Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 19Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
SCD5028-2 Rev G 5/7/2014
Aeroflex Plainview
TABLE I – RDC5028 PIN OUT DESCRIPTIONS (CQFP PACKAGE)
PIN #
FUNCTION
PIN #
FUNCTION
PIN #
FUNCTION
1DATA LOAD
19
A GND
37
BIT 9
2
VL I/O
20
N/C
38
BIT 10
3A GND
21
-SIN
39
BIT 11
4A +5V
22
+SIN
40
BIT 12
5
VCOIN
23
A GND
41
BIT 13
6
INTIN2
24
-COS
42
BIT 14
7
N/C
25
+COS
43
BIT 15
8
INTIN1
26
D GND
44
BIT 16 (LSB)
9INT1
27
D +5V
45
ENABLE
10
INT2
28
BIT 1 (MSB)
46
N/C
11
+REF
29
BIT 2
47
INH
12
-REF
30
BIT 3
48
SC2
13
AC2
31
BIT 4
49
SC1
14
AC1
32
BIT 5
50
BUSY
15
BPF2
33
N/C
51
CW/CCW
16
BPF1
34
BIT 6
52
RIPPLE
17
DEMOD1
35
BIT 7
18
DEMOD2
36
BIT 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com