Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC404 Datasheet(PDF) 7 Page - Texas Instruments

Part # CLC404
Description  Wideband, High Slew Rate, Monolithic Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC404 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CLC404 Datasheet HTML 2Page - Texas Instruments CLC404 Datasheet HTML 3Page - Texas Instruments CLC404 Datasheet HTML 4Page - Texas Instruments CLC404 Datasheet HTML 5Page - Texas Instruments CLC404 Datasheet HTML 6Page - Texas Instruments CLC404 Datasheet HTML 7Page - Texas Instruments CLC404 Datasheet HTML 8Page - Texas Instruments CLC404 Datasheet HTML 9Page - Texas Instruments CLC404 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
OBSOLETE
CLC404
www.ti.com
SNOS851F – MAY 1999 – REVISED APRIL 2013
APPLICATION DIVISION
Figure 18. Recommended Non-Inverting Gain Circuit
Figure 19. Recommended Inverting Gain Circuit
Slew Rate
Slew rate limiting is a nonlinear response which occurs in amplifiers when the output voltage swing approaches
hard, abrupt limits in the speed at which it can change. In most applications, this results in an easily identifiable
“slew rate” as well as a dramatic increase in distortion for large signal levels. The CLC404 has been designed to
provide enough slew rate to avoid slew rate limiting in almost all circuit configurations. The large signal
bandwidth of 165MHz, therefore, is nearly the same as the 175MHz small signal bandwidth. The result is a low-
distortion, linear system for both small signals and large signals.
Slew rate and large signal performance in the CLC404 can best be understood by first comparing the small and
large signal performance plots at a gain of +6. In the CLC404, there is almost no difference between large and
small signal performance at this gain. Large signal performance in the CLC404 at a gain of +6 is not slew rate
limited. (In an amplifier which is slew limiting, the large signal response rolloff has an abrupt break indicating the
onset of slew rate limitation.)
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: CLC404



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com