Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC404 Datasheet(PDF) 1 Page - Texas Instruments

Part # CLC404
Description  Wideband, High Slew Rate, Monolithic Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC404 Datasheet(HTML) 1 Page - Texas Instruments

  CLC404 Datasheet HTML 1Page - Texas Instruments CLC404 Datasheet HTML 2Page - Texas Instruments CLC404 Datasheet HTML 3Page - Texas Instruments CLC404 Datasheet HTML 4Page - Texas Instruments CLC404 Datasheet HTML 5Page - Texas Instruments CLC404 Datasheet HTML 6Page - Texas Instruments CLC404 Datasheet HTML 7Page - Texas Instruments CLC404 Datasheet HTML 8Page - Texas Instruments CLC404 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
OBSOLETE
CLC404
www.ti.com
SNOS851F – MAY 1999 – REVISED APRIL 2013
CLC404 Wideband, High Slew Rate, Monolithic Op Amp
Check for Samples: CLC404
1
FEATURES
DESCRIPTION
The CLC404 is a high speed, monolithic op amp that
2
•
165MHz Large Signal Bandwidth (5VPP)
combines low power consumption (110mW typical,
•
2600V/µs Slew Rate
120mW
maximum)
with
superior
large
signal
•
Low Power: 110mW
performance. Operating off of ±5V supplies, the
CLC404 demonstrates a large signal bandwidth (5VPP
•
Low Distortion:
−53dBc at 20MHz
output) of 165MHz. The bandwidth performance,
•
10ns Settling to 0.2%
along with other speed characteristics such as rise
•
0.07% Diff. Gain, 0.03° Diff. Phase
and fall time (2.1ns for a 5V step), is nearly identical
to the small signal performance since slew rate is not
APPLICATIONS
limiting factor in the CLC404 design.
•
Fast A/D Conversion
With its 175MHz bandwidth and 10ns settling (0.2%),
the CLC404 is ideal for driving ultra fast flash A/D
•
Line Drivers
converters. The 0.5° deviation from linear phase,
•
Video Distribution
coupled with -53dBc 2nd harmonic distortion and -
•
High Speed Communications
60dBc 3rd harmonic distortion (both at 20MHz), is
well
suited
for
many
digital
and
analog
•
Radar, IF Processors
communication
applications.
These
same
characteristics, along with 70mA output current,
Large Signal Pulse Response
differential gain of 0.07%, and differential phase at
0.03°,
make
the
CLC404
an
appropriate
high
performance solution for video distribution and line
driving applications.
Constructed using an advanced, complementary
bipolar
process
and
proven
current
feedback
topologies, the CLC404 provides performance far
beyond that of other monolithic op amps. The
CLC404 is available in several versions to meet a
variety of requirements.
Enhanced Solutions (Military/Aerospace)
SMD Number: 5962-90994
Space level versions also available.
CONNECTION DIAGRAM
Figure 1. PDIP & SOIC Pinout
Figure 2. SOT-23 Pinout
See Package Numbers P and D
See Package Number DBV
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CLC404

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC404 NSC-CLC404 Datasheet
374Kb / 6P
Wideband, High-Slew Rate, Monolithic Op Amp
CLC404AJE NSC-CLC404AJE Datasheet
374Kb / 6P
Wideband, High-Slew Rate, Monolithic Op Amp
CLC404AJM5 NSC-CLC404AJM5 Datasheet
374Kb / 6P
Wideband, High-Slew Rate, Monolithic Op Amp
CLC404AJP NSC-CLC404AJP Datasheet
374Kb / 6P
Wideband, High-Slew Rate, Monolithic Op Amp
CLC404ALC NSC-CLC404ALC Datasheet
374Kb / 6P
Wideband, High-Slew Rate, Monolithic Op Amp
More results

Similar Description - CLC404

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC404 NSC-CLC404 Datasheet
374Kb / 6P
Wideband, High-Slew Rate, Monolithic Op Amp
logo
NXP Semiconductors
NE538 PHILIPS-NE538 Datasheet
178Kb / 7P
High Slew Rate Op Amp
)ctober 7 1987
logo
AUK corp
S4560 AUK-S4560 Datasheet
299Kb / 4P
Dual high slew rate OP AMP
S4560P AUK-S4560P Datasheet
304Kb / 3P
Dual high slew rate OP AMP
logo
Intersil Corporation
HA-5002883 INTERSIL-HA-5002883 Datasheet
46Kb / 6P
Monolithic, Wideband, High Slew Rate, High Output Current Buffer
October 26, 2004
logo
NXP Semiconductors
NE5535 PHILIPS-NE5535 Datasheet
499Kb / 9P
Dual High Slew Rate Op Amp
January 15 1988
logo
Intersil Corporation
HA-5002883 INTERSIL-HA-5002883_06 Datasheet
215Kb / 7P
Monolithic, Wideband, High Slew Rate, High Output Current Buffer
January 5, 2006
logo
KODENSHI_AUK CORP.
S4560 KODENSHI-S4560 Datasheet
196Kb / 4P
Dual high slew rate OP AMP
S4560P KODENSHI-S4560P Datasheet
103Kb / 4P
Dual high slew rate OP AMP
SN4560 KODENSHI-SN4560 Datasheet
149Kb / 5P
Dual high slew rate OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com