Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2060 Datasheet(PDF) 3 Page - Applied Micro Circuits Corporation

Part # S2060
Description  GIGABIT ETHERNET TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S2060 Datasheet(HTML) 3 Page - Applied Micro Circuits Corporation

  S2060 Datasheet HTML 1Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 2Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 3Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 4Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 5Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 6Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 7Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 8Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
S2060
GIGABIT ETHERNET TRANSCEIVER
March 7, 2001 / Revision H
TRANSMITTER DESCRIPTION
The S2060 transmitter accepts 10-bit parallel input
data and serializes it for transmission over fiber optic
or coaxial cable media. The chip is fully compatible
with the IEEE 802.3z Gigabit Ethernet standard, and
supports the Gigabit Ethernet data rate of 1250.0
Mbps. The S2060 uses a PLL to generate the serial
rate transmit clock. The transmitter runs at 10 times
the TBC input clock, and operates in either full rate
or half rate mode. At the full VCO rate the transmitter
runs at 1.25 GHz, while in half rate mode it operates
at 625 MHz.
Parallel-to-Serial Conversion
The parallel-to-serial converter takes in 10-bit wide
data from the input latch and converts it to a serial
data stream. Parallel data is latched into the trans-
mitter on the positive going edge of TBC. The data is
then clocked into the serial output shift register. The
shift register is clocked by the internally generated
bit clock which is 10x the TBC input frequency. TX[0]
is transmitted first.
Transmit Byte Clock (TBC)
The Transmit Byte Clock input (TBC) must be sup-
plied from a clock source with 100 ppm tolerance to
assure that the transmitted data meets the Gigabit
Ethernet frequency limits. The internal serial clock is
frequency locked to TBC (125.00 MHz).
TBC may be 62.5 MHz or 125 MHz, determined by
the state of the RATEN input. Operating rates are
shown in Table 2.
Transmit Latency
The average transmit latency is 4 byte times.
N
E
T
A
R
t
u
p
n
I
l
e
l
l
a
r
a
P
)
s
p
b
M
(
e
t
a
R)
s
p
b
M
(
e
t
a
R
)
s
p
b
M
(
e
t
a
R
)
s
p
b
M
(
e
t
a
R)
s
p
b
M
(
e
t
a
R
y
c
n
e
u
q
e
r
F
C
B
T
)
z
H
M
()
z
H
M
(
)
z
H
M
(
)
z
H
M
()
z
H
M
(
t
u
p
t
u
O
l
a
i
r
e
S
)
s
p
b
G
(
e
t
a
R)
s
p
b
G
(
e
t
a
R
)
s
p
b
G
(
e
t
a
R
)
s
p
b
G
(
e
t
a
R)
s
p
b
G
(
e
t
a
R
05
2
15
2
15
2
.
1
15
.
2
65
.
2
65
2
6
.
0
Table 2. Operating Rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com