Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2060C Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # S2060C
Description  GIGABIT ETHERNET TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S2060C Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  S2060C Datasheet HTML 1Page - Applied Micro Circuits Corporation S2060C Datasheet HTML 2Page - Applied Micro Circuits Corporation S2060C Datasheet HTML 3Page - Applied Micro Circuits Corporation S2060C Datasheet HTML 4Page - Applied Micro Circuits Corporation S2060C Datasheet HTML 5Page - Applied Micro Circuits Corporation S2060C Datasheet HTML 6Page - Applied Micro Circuits Corporation S2060C Datasheet HTML 7Page - Applied Micro Circuits Corporation S2060C Datasheet HTML 8Page - Applied Micro Circuits Corporation S2060C Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
S2060
GIGABIT ETHERNET TRANSCEIVER
March 7, 2001 / Revision H
S2060
®
DEVICE
SPECIFICATION
GIGABIT ETHERNET TRANSCEIVER
FEATURES
• Operating rate
• 1250 MHz (Gigabit Ethernet) line rates
• Half and full VCO output rates
• Functionally compliant IEEE 802.3z Gigabit
Ethernet standard
• Transmitter incorporating Phase-Locked Loop
(PLL) clock synthesis from low speed reference
• Receiver PLL provides clock and data recovery
• 10-bit parallel TTL compatible interface
• Low-jitter serial LVPECL compatible interface
• Local loopback
• Single +3.3 V supply, 620 mW power dissipation
• 64 PQFP or TQFP package
• Continuous downstream clocking from receiver
• Drives 30 m of Twinax cable directly
APPLICATIONS
• Workstation
• Frame buffer
• Switched networks
• Data broadcast environments
• Proprietary extended backplanes
GENERAL DESCRIPTION
The S2060 transmitter and receiver chip facilitates
high speed serial transmission of data over fiber op-
tic, coax, or twinax interfaces. The device conforms
to the requirements of the IEEE 802.3z Gigabit
Ethernet specification, and runs at 1250.0 Mbps data
rates with an associated 10-bit data word.
The chip provides parallel-to-serial and serial-to-par-
allel conversion, clock generation/recovery, and
framing for block encoded data. The on-chip transmit
PLL synthesizes the high-speed clock from a low-
speed reference. The on-chip receive PLL performs
clock recovery and data re-timing on the serial bit
stream. The transmitter and receiver each support
differential LVPECL compatible I/O for copper or fi-
ber optic component interfaces with excellent signal
integrity. Local loopback mode allows for system di-
agnostics. The chip requires a +3.3 V power supply
and dissipates typically 620 mW.
The S2060 can be used for a variety of applications
including Gigabit Ethernet, serial backplanes, and
proprietary point-to-point links. Figure 1 shows a
typical configuration incorporating the chip.
Figure 1. System Block Diagram
S2060
Gigabit
Ethernet
Controller
Optical
Tx
Optical
Rx
Optical
Tx
Optical
Rx
S2060
Gigabit
Ethernet
Controller


Similar Part No. - S2060C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S2060 MICROSEMI-S2060 Datasheet
112Kb / 3P
Silicon Power Rectifier
S2060 MICROSEMI-S2060 Datasheet
148Kb / 2P
SILICON POWER RECTIFIER
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
38Kb / 2P
GPON Transceiver With CDR
logo
Microsemi Corporation
S2060 MICROSEMI-S2060 Datasheet
143Kb / 2P
Silicon Power Rectifier
More results

Similar Description - S2060C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETE2201A TI-TNETE2201A Datasheet
254Kb / 19P
1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201B TI-TNETE2201B Datasheet
256Kb / 19P
1.25-GIGABIT ETHERNET TRANSCEIVER
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
Gigabit Ethernet Transceiver
logo
Agere Systems
DNC5X3125 AGERE-DNC5X3125 Datasheet
260Kb / 18P
Gigabit Ethernet Transceiver Macrocell
March 2000
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
Quad Gigabit Ethernet Transceiver
July 2000
logo
Agilent(Hewlett-Packard...
HDMP-1636 HP-HDMP-1636 Datasheet
325Kb / 15P
Gigabit Ethernet Transceiver Chip
logo
Texas Instruments
TNETE2201 TI-TNETE2201 Datasheet
295Kb / 10P
1.25-GIGABIT ETHERNET TRANSCEIVER
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
Gigabit Ethernet PHY Transceiver
logo
Pericom Semiconductor C...
PI90SD1636C PERICOM-PI90SD1636C Datasheet
394Kb / 15P
SERDES Gigabit Ethernet Transceiver
logo
Texas Instruments
TNETE2201B TI1-TNETE2201B_14 Datasheet
1Mb / 28P
1.25-GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com