Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS2112 Datasheet(PDF) 37 Page - Microchip Technology

Part # UCS2112
Description  USB Dual-Port Power Switch and Current Monitor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2112 Datasheet(HTML) 37 Page - Microchip Technology

Back Button UCS2112 Datasheet HTML 33Page - Microchip Technology UCS2112 Datasheet HTML 34Page - Microchip Technology UCS2112 Datasheet HTML 35Page - Microchip Technology UCS2112 Datasheet HTML 36Page - Microchip Technology UCS2112 Datasheet HTML 37Page - Microchip Technology UCS2112 Datasheet HTML 38Page - Microchip Technology UCS2112 Datasheet HTML 39Page - Microchip Technology UCS2112 Datasheet HTML 40Page - Microchip Technology UCS2112 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
 2015 Microchip Technology Inc.
DS20005424B-page 37
UCS2112
9.0
REGISTER DESCRIPTION
The registers shown in Table 9-1 are accessible
through the SMBus or I2C. An entry of ‘—’ indicates
that the bit is not used. Writing to these bits will have no
effect and reading these bits will return ‘0’. Writing to a
reserved bit may cause unexpected results and read-
ing from a reserved bit will return either ‘1’ or ‘0’ as indi-
cated in the bit description. While in the Sleep state, the
UCS2112 will retain configuration and charge rationing
data as indicated in the text. If a register does not indi-
cate that data will be retained in the Sleep power state,
this information will be lost when the UCS2112 enters
the Sleep power state.
TABLE 9-1:
REGISTER SET IN HEXADECIMAL ORDER
Register
Address
Register Name
R/W
Function
Default
Value
Page
No.
00h
Port 1 Current Measurement
R
Stores the current measurement for port 1
00h
38
01h
Port 2 Current Measurement
R
Stores the current measurement for port 2
00h
38
02h
Load Share VBUS Port Sta-
tus
R
Indicates Load ShareVBUS Port and general
status
00h
39
03h
Interrupt Status1
See Text
Indicates why ALERT# pin asserted for port 1
00h
40
04h
Interrupt Status2
See Text
Indicates why ALERT# pin asserted for port 2
00h
42
0Fh
General Status1
R/R-C
Indicates General Status for port 1
00h
43
10h
General Status2
R/R-C
Indicates General Status for port 2
00h
44
11h
General Configuration1
R/W
Controls basic functionality for port 1
06h
45
12h
General Configuration2
R/W
Controls basic functionality for port 2
02h
46
13h
General Configuration3
R/W
Controls other functionality
60h
47
14h
Current Limit
R/W
Controls/Displays MAX Current Limit per port
00h
48
15h
Auto-recovery Configuration
R/W
Controls the Auto-recovery functionality
2Ah
49
16h
Port 1 Total Accumulated
Charge High Byte
R
Stores the total accumulated charge
delivered high byte, Port 1
00h
50
17h
Port 1 Total Accumulated
Charge Middle High Byte
R
Stores the total accumulated charge
delivered middle high byte, Port 1
00h
50
18h
Port 1 Total Accumulated
Charge Middle Low Byte
R
Stores the total accumulated charge
delivered middle low byte, Port 1
00h
50
19h
Port 1 Total Accumulated
Charge Low Byte
R
Stores the total accumulated charge
delivered low byte, Port 1
00h
50
1Ah
Port 2 Total Accumulated
Charge High Byte
R
Stores the total accumulated charge
delivered high byte, Port 2
00h
51
1Bh
Port 2 Total Accumulated
Charge Middle High Byte
R
Stores the total accumulated charge
delivered middle high byte, Port 2
00h
51
1Ch
Port 2 Total Accumulated
Charge Middle Low Byte
R
Stores the total accumulated charge
delivered middle low byte, Port 2
00h
51
1Dh
Port 2 Total Accumulated
Charge Low Byte
R
Stores the total accumulated charge
delivered low byte, Port 2
00h
51
1Eh
Port 1 Charge Rationing
Threshold High Byte
R/W
Sets the maximum allowed charge that will
be delivered to Port 1
FFh
52
1Fh
Port 1 Charge Rationing
Threshold Low Byte
R/W
Sets the maximum allowed charge that will
be delivered to Port 1
FFh
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com