Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS2112 Datasheet(PDF) 39 Page - Microchip Technology

Part # UCS2112
Description  USB Dual-Port Power Switch and Current Monitor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2112 Datasheet(HTML) 39 Page - Microchip Technology

Back Button UCS2112 Datasheet HTML 35Page - Microchip Technology UCS2112 Datasheet HTML 36Page - Microchip Technology UCS2112 Datasheet HTML 37Page - Microchip Technology UCS2112 Datasheet HTML 38Page - Microchip Technology UCS2112 Datasheet HTML 39Page - Microchip Technology UCS2112 Datasheet HTML 40Page - Microchip Technology UCS2112 Datasheet HTML 41Page - Microchip Technology UCS2112 Datasheet HTML 42Page - Microchip Technology UCS2112 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
 2015 Microchip Technology Inc.
DS20005424B-page 39
UCS2112
9.2
Status Registers
The Status registers store bits that indicate error
conditions as well as Attach Detection and Removal
Detection.
REGISTER 9-2:
VBUS PORT STATUS REGISTER (ADDRESS 02H)
R-0
R-0
R-0
R-0
U-0
U-0
R-0
R-0
ALERT2_PIN
ALERT1_PIN CC_MODE2
CC_MODE1
ADET2_PIN
ADET1_PIN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
ALERT2_PIN:
Reflects the status of the ALERT#2 pin. This bit is set and cleared as the ALERT#2 pin
changes states.
1
= ALERT#2 Pin asserted (logic low)
0
= ALERT#2 Pin not asserted
bit 6
ALERT1_PIN:
Reflects the status of the ALERT#1 pin. This bit is set and cleared as the ALERT#1 pin
changes states.
1
= ALERT#1 Pin asserted (logic low)
0
= ALERT#1 Pin not asserted
bit 5
CC_MODE2:
Port2 Constant Current Mode State
1
= Port 2 in Constant Current mode
0
= Port 2 operating normally
bit 4
CC_MODE1:
Port1 Constant Current Mode State
1
= Port 1 in Constant Current mode
0
= Port 1 operating normally
bit 3-2
Unimplemented
bit 1
ADET2:_PIN
Reflects the status of the A_DET#2 pin. When set, indicates that the A_DET#2 pin is
asserted low. This bit is set and cleared as the A_DET#2 pin changes states.
1
= A_DET#2 pin is asserted (logic low)
0
= A_DET#2 pin is not asserted
bit 0
ADET1_PIN:
Reflects the status of the A_DET#1 pin. When set, indicates that the A_DET#1 pin is
asserted low. This bit is set and cleared as the A_DET#1 pin changes states.
1
= A_DET#1 pin is asserted (logic low)
0
= A_DET#1 pin is not asserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com