Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT972A Datasheet(PDF) 21 Page - Intel Corporation

Part # LXT972A
Description  3.3V Dual-Speed Fast Ethernet Transceiver Datasheet
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT972A Datasheet(HTML) 21 Page - Intel Corporation

Back Button LXT972A Datasheet HTML 17Page - Intel Corporation LXT972A Datasheet HTML 18Page - Intel Corporation LXT972A Datasheet HTML 19Page - Intel Corporation LXT972A Datasheet HTML 20Page - Intel Corporation LXT972A Datasheet HTML 21Page - Intel Corporation LXT972A Datasheet HTML 22Page - Intel Corporation LXT972A Datasheet HTML 23Page - Intel Corporation LXT972A Datasheet HTML 24Page - Intel Corporation LXT972A Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
3.3V Dual-Speed Fast Ethernet Transceiver Datasheet — LXT972A
Datasheet
21
3.4
Initialization
When the LXT972A is first powered on, reset, or encounters a link failure state, it checks the
MDIO register configuration bits to determine the line speed and operating conditions to use for
the network link. The configuration bits may be set by the Hardware Control or MDIO interface as
shown in Figure 6.
3.4.1
MDIO Control Mode
In the MDIO Control mode, the LXT972A reads the Hardware Control Interface pins to set the
initial (default) values of the MDIO registers. Once the initial values are set, bit control reverts to
the MDIO interface.
3.4.2
Hardware Control Mode
In the Hardware Control Mode, LXT972A disables direct write operations to the MDIO registers
via the MDIO Interface. On power-up or hardware reset the LXT972A reads the Hardware Control
Interface pins and sets the MDIO registers accordingly.
The following modes are available using either Hardware Control or MDIO Control:
• Force network link operation to:
100TX, Full-Duplex.
100TX, Half-Duplex.
10BASE-T, Full-Duplex.
10BASE-T, Half-Duplex.
• Allow auto-negotiation / parallel-detection.
When the network link is forced to a specific configuration, the LXT972A immediately begins
operating the network interface as commanded. When auto-negotiation is enabled, the LXT972A
begins the auto-negotiation / parallel-detection operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com