Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54FCT574 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54FCT574
Description  Octal D-Type Flip-Flop with TRI-STATE Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54FCT574 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54FCT574 Datasheet HTML 1Page - National Semiconductor (TI) 54FCT574 Datasheet HTML 2Page - National Semiconductor (TI) 54FCT574 Datasheet HTML 3Page - National Semiconductor (TI) 54FCT574 Datasheet HTML 4Page - National Semiconductor (TI) 54FCT574 Datasheet HTML 5Page - National Semiconductor (TI) 54FCT574 Datasheet HTML 6Page - National Semiconductor (TI) 54FCT574 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature
−65˚C to +150˚C
Ambient Temperature under Bias
−55˚C to +125˚C
Junction Temperature under Bias
Ceramic
−55˚C to +175˚C
V
CC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Any Output in
the Disabled or Power-Off State
−0.5V to 5.5V
in the HIGH State
−0.5V to V
CC
Current Applied to Output
in LOW State (Max)
twice the rated I
OL (mA)
DC Latchup Source Current
−500 mA
Recommended Operating
Conditions
Free Air Ambient Temperature
Military
−55˚C to +125˚C
Supply Voltage
Military
+4.5V to +5.5V
Note 1: Absolute maximum ratings are values beyond which the device may
be damaged or have its useful life impaired. Functional operation under these
conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Symbol
Parameter
FCT574
Units
V
CC
Conditions
Min
Max
V
IH
Input HIGH Voltage
2.0
V
Recognized HIGH Signal
V
IL
Input LOW Voltage
0.8
V
Recognized LOW Signal
V
CD
Input Clamp Diode Voltage
−1.2
V
Min
I
IN = −18 mA
V
OH
Output HIGH
Voltage
54FCT
4.3
V
Min
I
OH = −300 µA
54FCT
2.4
V
Min
I
OH = −12 mA
V
OL
Output LOW Voltage
54FCT
0.2
V
Min
I
OL = 300 µA
54FCT
0.5
V
Min
I
OL = 32mA
I
IH
Input HIGH Current
5
µA
Max
V
IN = 2.7V (Note 3)
5V
IN = VCC
I
IL
Input LOW Current
−5
µA
Max
V
IN = 0.5V (Note 3)
−5
V
IN = 0.0V
I
OZH
Output Leakage Current
10
µA
0 − 5.5V
V
OUT = 2.7V; OE = 2.0V
I
OZL
Output Leakage Current
−10
µA
0 − 5.5V
V
OUT = 0.5V; OE = 2.0V
I
OS
Output Short-Circuit Current
−60
mA
Max
V
OUT = 0.0V
I
CCQ
Power Supply Current
1.5
mA
Max
V
IN = 0.2V or VIN = 5.3V, fI =
0MHz
∆I
CC
Power Supply Current
2.0
mA
Max
V
IN = 3.4V
I
CCT
Additional
I
CC/Input
6.0
mA
Max
V
I = VCC − 2.1V or VIN = GND, fCP
= 10MHz, Outputs open, OE =
GND, one bit toggling at f
I = 5MHz,
50% duty cycle
5.5
mA
Max
V
I = 5.3V or VCC = 0.2V, fCP =
10MHz, Outputs open, OE = GND,
one bit toggling at f
I = 5MHz, 50%
duty cycle
I
CCD
Dynamic I
CC
No Load
0.40
mA/
MHz
Max
Outputs Open, OE = GND, One bit
toggling, 50% duty cycle, V
IN =
5.3V or V
IN = 0.2V
Note 3: Guaranteed, but not tested.
www.national.com
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com