Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54FCT574 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54FCT574
Description  Octal D-Type Flip-Flop with TRI-STATE Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54FCT574 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  54FCT574 Datasheet HTML 1Page - National Semiconductor (TI) 54FCT574 Datasheet HTML 2Page - National Semiconductor (TI) 54FCT574 Datasheet HTML 3Page - National Semiconductor (TI) 54FCT574 Datasheet HTML 4Page - National Semiconductor (TI) 54FCT574 Datasheet HTML 5Page - National Semiconductor (TI) 54FCT574 Datasheet HTML 6Page - National Semiconductor (TI) 54FCT574 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AC Loading
DS100966-4
*Includes jig and probe capacitance
FIGURE 1. Standard AC Test Load
DS100966-6
FIGURE 2. V
M = 1.5V
Input Pulse Requirements
Amplitude
Rep. Rate
t
w
t
r
t
f
3.0V
1 MHz
500 ns
2.5 ns
2.5 ns
FIGURE 3. Test Input Signal Requirements
DS100966-8
FIGURE 4. Propagation Delay Waveforms for
Inverting and Non-Inverting Functions
DS100966-5
FIGURE 5. Propagation Delay,
Pulse Width Waveforms
DS100966-7
FIGURE 6. TRI-STATE Output HIGH
and LOW Enable and Disable Times
DS100966-9
FIGURE 7. Setup Time, Hold Time
and Recovery Time Waveforms
www.national.com
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com