Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4001 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4001
Description  Quad 2-Input NOR(NAND) Buffered B Series Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4001 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CD4001 Datasheet HTML 1Page - National Semiconductor (TI) CD4001 Datasheet HTML 2Page - National Semiconductor (TI) CD4001 Datasheet HTML 3Page - National Semiconductor (TI) CD4001 Datasheet HTML 4Page - National Semiconductor (TI) CD4001 Datasheet HTML 5Page - National Semiconductor (TI) CD4001 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristics CD4011BC CD4011BM
TA e 25 C Input tr tf e 20 ns CL e 50 pF RL e 200k Typical Temperature Coefficient is 03% C
Symbol
Parameter
Conditions
Typ
Max
Units
tPHL
Propagation Delay
VDD e 5V
120
250
ns
High-to-Low Level
VDD e 10V
50
100
ns
VDD e 15V
35
70
ns
tPLH
Propagation Delay
VDD e 5V
85
250
ns
Low-to-High Level
VDD e 10V
40
100
ns
VDD e 15V
30
70
ns
tTHL tTLH
Transition Time
VDD e 5V
90
200
ns
VDD e 10V
50
100
ns
VDD e 15V
40
80
ns
CIN
Average Input Capacitance
Any Input
5
75
pF
CPD
Power Dissipation Capacity
Any Gate
14
pF
AC Parameters are guaranteed by DC correlated testing
Typical Performance Characteristics
Typical
Transfer Characteristics
TLF5939 – 7
Typical
Transfer Characteristics
TLF5939 – 8
Typical
Transfer Characteristics
TLF5939 – 9
Typical
Transfer Characteristics
TLF5939 – 10
TLF5939 – 11
FIGURE 5
TLF5939 – 12
FIGURE 6
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com