Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4001 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4001
Description  Quad 2-Input NOR(NAND) Buffered B Series Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4001 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD4001 Datasheet HTML 1Page - National Semiconductor (TI) CD4001 Datasheet HTML 2Page - National Semiconductor (TI) CD4001 Datasheet HTML 3Page - National Semiconductor (TI) CD4001 Datasheet HTML 4Page - National Semiconductor (TI) CD4001 Datasheet HTML 5Page - National Semiconductor (TI) CD4001 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5939
March 1988
CD4001BMCD4001BC Quad 2-Input
NOR Buffered B Series Gate
CD4011BMCD4011BC Quad 2-Input
NAND Buffered B Series Gate
General Description
These quad gates are monolithic complementary MOS
(CMOS) integrated circuits constructed with N- and P-chan-
nel enhancement mode transistors They have equal source
and sink current capabilities and conform to standard B se-
ries output drive The devices also have buffered outputs
which improve transfer characteristics by providing very
high gain
All inputs are protected against static discharge with diodes
to VDD and VSS
Features
Y
Low power TTL
Fan out of 2 driving 74L
compatibility
or 1 driving 74LS
Y
5V – 10V – 15V parametric ratings
Y
Symmetrical output characteristics
Y
Maximum input leakage 1 mA at 15V over full tempera-
ture range
Schematic Diagrams
TLF5939 – 1
CD4001BCBM
TLF5939 – 2
of device shown
J e A a B
Logical ‘‘1’’ e High
Logical ‘‘0’’ e Low
All inputs protected by standard
CMOS protection circuit
TLF5939 – 5
CD4011BCBM
TLF5939 – 6
of device shown
J e A
 B
Logical ‘‘1’’ e High
Logical ‘‘0’’ e Low
All inputs protected by standard
CMOS protection circuit
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD4001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4001 NSC-CD4001 Datasheet
167Kb / 6P
Quad 2-Input NOR,NAND Buffered B Series Gate
logo
Texas Instruments
CD4001 TI-CD4001 Datasheet
206Kb / 5P
CMOS NOR Gates
logo
Fairchild Semiconductor
CD4001 FAIRCHILD-CD4001 Datasheet
118Kb / 9P
Quad 2-Input NOR Buffered B Series Gate . Quad 2-Input NAND Buffered B Series Gate
logo
Intersil Corporation
CD4001 INTERSIL-CD4001 Datasheet
143Kb / 9P
CMOS NOR Gate
November 1994
logo
List of Unclassifed Man...
CD4001 ETC2-CD4001 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Similar Description - CD4001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4001BM NSC-CD4001BM Datasheet
167Kb / 6P
Quad 2-Input NOR,NAND Buffered B Series Gate
logo
Fairchild Semiconductor
CD4001BC FAIRCHILD-CD4001BC Datasheet
118Kb / 9P
Quad 2-Input NOR Buffered B Series Gate . Quad 2-Input NAND Buffered B Series Gate
CD4071BC FAIRCHILD-CD4071BC Datasheet
96Kb / 7P
Quad 2-Input OR Buffered B Series Gate . Quad 2-Input AND Buffered B Series Gate
CD4071BC FAIRCHILD-CD4071BC_02 Datasheet
101Kb / 7P
Quad 2-Input OR Buffered B Series Gate Quad 2-Input AND Buffered B Series Gate
logo
Unisonic Technologies
CD4011B UTC-CD4011B Datasheet
176Kb / 5P
QUAD 2-INPUT NAND BUFFERED B SERIES GATE
CD4001B UTC-CD4001B Datasheet
186Kb / 5P
QUAD 2-INPUT NOR BUFFERED B SERIES GATE
UCD4001B UTC-UCD4001B Datasheet
168Kb / 5P
QUAD 2-INPUT NOR BUFFERED B SERIES GATE
UCD4011B UTC-UCD4011B Datasheet
179Kb / 5P
QUAD 2-INPUT NAND BUFFERED B SERIES GATE
UCD4001B UTC-UCD4001B_15 Datasheet
205Kb / 5P
QUAD 2-INPUT NOR BUFFERED B SERIES GATE
UCD4011B UTC-UCD4011B_15 Datasheet
179Kb / 5P
QUAD 2-INPUT NAND BUFFERED B SERIES GATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com