Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCM1245MF Datasheet(PDF) 45 Page - Sanken electric

Part # SCM1245MF
Description  500V / 600V High Voltage Three-phase Motor Driver ICs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM1245MF Datasheet(HTML) 45 Page - Sanken electric

Back Button SCM1245MF Datasheet HTML 41Page - Sanken electric SCM1245MF Datasheet HTML 42Page - Sanken electric SCM1245MF Datasheet HTML 43Page - Sanken electric SCM1245MF Datasheet HTML 44Page - Sanken electric SCM1245MF Datasheet HTML 45Page - Sanken electric SCM1245MF Datasheet HTML 46Page - Sanken electric SCM1245MF Datasheet HTML 47Page - Sanken electric SCM1245MF Datasheet HTML 48Page - Sanken electric SCM1245MF Datasheet HTML 49Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
SCM1200MF Series
SCM1200MF-DSJ Rev.1.1
SANKEN ELECTRIC CO.,LTD.
45
Feb. 19, 2016
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO.,LTD. 2015
15.3.2.3. SCM1263MF
Figure 15-43
High-side switching loss (Tj = 25°C)
Figure 15-44.
Low-side switching loss (Tj = 25°C)
Figure 15-45.
High-side switching loss (Tj = 125°C)
Figure 15-46.
Low-side switching loss (Tj = 125°C)
0
100
200
300
400
500
600
700
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
I
C (A)
VB=15V
Turn-on
Turn-off
0
100
200
300
400
500
600
700
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
I
C (A)
VCC=15V
Turn-on
Turn-off
0
100
200
300
400
500
600
700
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
I
C (A)
VB=15V
Turn-on
Turn-off
0
100
200
300
400
500
600
700
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
I
C (A)
VCC=15V
Turn-on
Turn-off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com