Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCM1245MF Datasheet(PDF) 5 Page - Sanken electric

Part # SCM1245MF
Description  500V / 600V High Voltage Three-phase Motor Driver ICs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM1245MF Datasheet(HTML) 5 Page - Sanken electric

  SCM1245MF Datasheet HTML 1Page - Sanken electric SCM1245MF Datasheet HTML 2Page - Sanken electric SCM1245MF Datasheet HTML 3Page - Sanken electric SCM1245MF Datasheet HTML 4Page - Sanken electric SCM1245MF Datasheet HTML 5Page - Sanken electric SCM1245MF Datasheet HTML 6Page - Sanken electric SCM1245MF Datasheet HTML 7Page - Sanken electric SCM1245MF Datasheet HTML 8Page - Sanken electric SCM1245MF Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
SCM1200MF Series
SCM1200MF-DSJ Rev.1.1
SANKEN ELECTRIC CO.,LTD.
5
Feb. 19, 2016
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO.,LTD. 2015
2.
Recommended Operating Conditions
Characteristics
Symbol
Conditions
Min.
Typ.
Max.
Unit
Remarks
Main Supply Voltage
VDC
COM1 = COM2 = COM3
VBB – COM
-
300
400
V
Logic Supply Voltage
VCC
VCC1– COM1
VCC2– COM2
VCC3– COM3
13.5
-
16.5
V
VBS
VB1 – HS1(U)
VB2– HS2(V)
VB3 – HS3(W)
13.5
-
16.5
V
Input Voltage
(HIN, LIN, FO)
VIN
0
-
5.5
V
Minimum Input Pulse
Width
tIN(MIN)ON
0.5
-
-
μs
tIN(MIN)OFF
0.5
-
-
μs
Dead Time of Input
Signal
tDEAD
1.0
-
-
μs
SCM1243MF/
45MF/46MF
1.5
-
-
SCM1242MF/
56MF/61MF/65MF
FO Pin Pull-up Resistor
RFO
1
-
22
kΩ
FO Pin Pull-up Voltage
VFO
3.0
-
5.5
V
FO Pin Capacitor for
Noise Reduction
CFO
0.001
-
0.01
μF
Bootstrap Capacitor
CBOOT
10
-
220
μF
Shunt Resistor
RS
IP ≤ 45 A
12
-
-
mΩ
SCM1256MF/46MF
IP ≤ 30 A
18
-
-
SCM1242MF/43MF/
63MF/65MF/45MF
IP ≤ 20 A
27
-
-
SCM1261MF
RC Filter Resistor
RO
-
-
100
Ω
RC Filter Capacitor
CO
1000
-
2200
pF
SCM124xMF
SCM125xMF
1000
-
10000
SCM126xMF
PWM Carrier Frequency
fc
-
-
20
kHz
Case Temperature in
Operation
TC(OP)
-
-
100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com