Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB3210 Datasheet(PDF) 20 Page - Texas Instruments

Part # TUSB3210
Description  UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TUSB3210 Datasheet HTML 16Page - Texas Instruments TUSB3210 Datasheet HTML 17Page - Texas Instruments TUSB3210 Datasheet HTML 18Page - Texas Instruments TUSB3210 Datasheet HTML 19Page - Texas Instruments TUSB3210 Datasheet HTML 20Page - Texas Instruments TUSB3210 Datasheet HTML 21Page - Texas Instruments TUSB3210 Datasheet HTML 22Page - Texas Instruments TUSB3210 Datasheet HTML 23Page - Texas Instruments TUSB3210 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
2–8
2.4.2
OEPBBAX_n: Output Endpoint X-Buffer Base-Address (n=1 to 3)
7
6
5
4
3
210
A10
A9
A8
A7
A6
A5
A4
A3
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7–0
A[10:3]
x
A[10:3] of X–buffer base address (padded with 3-LSB of zeros for a total of 11-bits). This value is set by the
MCU. UBM or DMA uses this value as the start-address of a given transaction. Furthermore, UBM or DMA
does not change this value at the end of a transaction.
2.4.3
OEPBCTX_n: Output Endpoint X Byte Count (n=1 to 3)
7
6
5
4
3
210
NAK
C6
C5
C4
C3
C2
C1
C0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
6–0
C[6:0]
x
X-Buffer Byte count:
X000.0000b > Count = 0
X000.0001b > Count = 1 byte
:
:
X011.1111b > Count = 63 bytes
X100.0000b > Count = 64 bytes
Any value
≥ 100.0001b produces unpredictable results.
7
NAK
x
NAK= 0 No valid data in buffer. Ready for host out
NAK= 1 Buffer contains a valid packet from Host (host-out request is NAK)
2.4.4
OEPBBAY_n: Output Endpoint Y-Buffer Base-Address (n=1 to 3)
7
6
5
4
3
210
A10
A9
A8
A7
A6
A5
A4
A3
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7–0
A[10:3]
x
A[10:3] of Y–buffer base address (padded with 3-LSB of zeros for a total of 11 bits). This value is set by the
MCU. UBM or DMA uses this value as the start-address of a given transaction. Furthermore, UBM or DMA
does not change this value at the end of a transaction.
2.4.5
OEPBCTY_n: Output Endpoint Y Byte Count (n=1 to 3)
7
6
5
4
3
210
NAK
C6
C5
C4
C3
C2
C1
C0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
6–0
C[6:0]
x
Y-Byte count:
X000.0000b > Count = 0
X000.0001b > Count = 1 byte
:
:
X011.1111b > Count = 63 bytes
X100.0000b > Count = 64 bytes
Any value
≥ 100.0001b will result in unpredictable results.
7
NAK
x
NAK= 0 No valid data in buffer. Ready for host out
NAK= 1 Buffer contains a valid packet from host (host-out request is NAK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com