Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB3210 Datasheet(PDF) 35 Page - Texas Instruments

Part # TUSB3210
Description  UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TUSB3210 Datasheet HTML 31Page - Texas Instruments TUSB3210 Datasheet HTML 32Page - Texas Instruments TUSB3210 Datasheet HTML 33Page - Texas Instruments TUSB3210 Datasheet HTML 34Page - Texas Instruments TUSB3210 Datasheet HTML 35Page - Texas Instruments TUSB3210 Datasheet HTML 36Page - Texas Instruments TUSB3210 Datasheet HTML 37Page - Texas Instruments TUSB3210 Datasheet HTML 38Page - Texas Instruments TUSB3210 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
2–23
2.10.2 I2CADR: I2C Address Register
This register holds the device address and the read/write command bit.
7
6
5
4
3
210
A6
A5
A4
A3
A2
A1
A0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
R/W
0
Read/write command bit.
R/W = 0 Write operation
R/W = 1 Read operation
7–1
A[6:0]
0000000
Seven address bits for device addressing.
2.10.3 I2CDAI: I2C Data-Input Register
This register holds the received data from an external device.
7
6
5
4
3
210
D7
D6
D5
D4
D3
D2
D1
D0
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
7–0
D[7:0]
0
8-bit input data from an I2C device
2.10.4 I2CDAO: I2C Data-Output Register
This register holds the data to be transmitted to an external device. Writing to this register starts the transfer on the
SDA line.
7
6
5
4
3
210
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7–0
D[7:0]
0
8-bit output data to an I2C device
2.11 Read/Write Operations
2.11.1 Read Operation (Serial EEPROM)
A serial read requires a dummy byte write sequence to load in the 16-bit data word address. Once the device address
word and data word address is clocked out and acknowledged by the device, the MCU starts a current address
sequence. The following describes the sequence of events to accomplish this transaction:
Device Address + EEPROM [High-byte]
•
MCU sets I2CSTA[SRD] = 0. This forces the I2C controller not to generate a stop condition after the content
of I2CDAI register is received.
•
MCU sets I2CSTA[SWR] = 0. This forces the I2C controller to NOT generate a stop condition after the
content of I2CDAO register is transmitted.
•
MCU writes the device address (R/W bit = 0) to I2CADR register (write operation)
•
MCU writes the High-Byte of the EEPROM address into I2CDAO register, starting the transfer on SDA line
•
TXE bit in I2CSTA is cleared, indicating busy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com